Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 138 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 138 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 134Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 135Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 136Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 137Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 138Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 139Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 140Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 141Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 142Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 171 page
background image
Rev. 1.60
138
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
04H
0CH
10H
1CH
Vector
Low
P�io�ity
High
Request
Flags
Ena�le
Bits
Maste�
Ena�le
Request
Flags
Ena�le
Bits
EMI auto disa�led in ISR
Inte��upt
�a�e
Inte��upt
�a�e
EMI
EMI
EMI
EMI
T1AF
TM1 A
T1AE
T1PF
TM1 P
T1PE
I�T0F
I�T0 Pin
I�T0E
MF0F
M. Funct. 0
MF0E
MF1F
M. Funct. 1
MF1E
ADF
A/D
ADE
xxF
Legend
Request Flag – no auto �eset in ISR
xxF Request Flag – auto �eset in ISR
xxE Ena�le Bit
T0AF
TM0 A
T0PF
TM0 P
T0AE
T0PE
�8H
EMI
I�T3F
I�T3 Pin
I�T3E
18H
EMI
MF3F
M. Funct. 3
MF3E
�0H
EMI
UARF
UART
UARE
08H
EMI
I�T1F
I�T1 Pin
I�T1E
14H
EMI
T�AF
TM� A
T�AE
T�PF
TM� P
T�PE
MF�F
M. Funct. �
MF�E
T3AF
TM3 A
T3AE
T3PF
TM3 P
T3PE
�4H
EMI
I�T�F
I�T� Pin
I�T�E
�CH
EMI
DEF
EEPROM
DEE
LVF
LVD
LVE
MF4F
M. Funct. 4
MF4E
TB1F
Ti�e Base 1
TB1E
TB0F
Ti�e Base 0
TB0E
Inte��upts contained within
Multi-Function Inte��upts
HT67F489 only
Interrupt Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com