Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F488 Datasheet(PDF) 141 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 141 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 137Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 138Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 139Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 140Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 141Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 142Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 143Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 144Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 145Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 171 page
background image
Rev. 1.60
141
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
TBC Register
Bit
7
6
5
4
3
2
1
0
�a�e
TBO�
TBCK
TB11
TB10
—
TB0�
TB01
TB00
R/W
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
POR
0
0
1
1
—
1
1
1
Bit7
TBON:TB0andTB1Control
0:Disable
1:Enable
Bit6
TBCK:SelectfTBClock
0:fTBC
1:fSYS/4
Bit5~4
TB11, TB10:SelectTimeBase1Time-outPeriod
00:4096/fTB
01:8192/fTB
10:16384/fTB
11:32768/fTB
Bit3
Unimplemented,readas“0”
Bit2~0
TB02~TB00:SelectTimeBase0Time-outPeriod
000:256/fTB
001:512/fTB
010:1024/fTB
011:2048/fTB
100:4096/fTB
101:8192/fTB
110:16384/fTB
111:32768/fTB
M
U
X
M
U
X
LX T
LI RC
f SY S /4
¸ 2 ~ 2
81 5
¸ 2 ~ 2
12
15
TB 11 ~T B1 0
Ti me B as e 0 In te rr upt
Ti me B as e 1 In te rr upt
F SU BC
F SU B6 ~F SU B0 b it s
TB CK B it
TB 02 ~T B0 0
f TB
f TB C
Time Base Interrupt
EEPROM Interrupt
TheEEPROMinterruptiscontainedwithintheMulti-functionInterrupt.AnEEPROMInterrupt
requestwilltakeplacewhentheEEPROMInterruptrequestflag,DEF,isset,whichoccurs
whenanEEPROMWritecycleends.Toallowtheprogramtobranchtoitsrespectiveinterrupt
vectoraddress,theglobalinterruptenablebit,EMI,andEEPROMInterruptenablebit,DEE,and
associatedMulti-functioninterruptenablebit,mustfirstbeset.Whentheinterruptisenabled,the
stackisnotfullandanEEPROMWritecycleends,asubroutinecalltotherespectiveEEPROM
Interruptvectorwilltakeplace.WhentheEEPROMInterruptisserviced,theEMIbitwillbe
automaticallyclearedtodisableotherinterrupts,howeveronlytheMulti-functioninterruptrequest
flagwillbealsoautomaticallycleared.AstheDEFflagwillnotbeautomaticallycleared,ithastobe
clearedbytheapplicationprogram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com