Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 57 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 53Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 54Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 55Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 56Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 57Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 58Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
57 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
11. Static characteristics
Table 11:
Static characteristics
VDD = 2.4 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
IDD(oper)
operating supply current
VDD = 3.6 V; fosc =12MHz
[2] -11
18
mA
VDD = 3.6 V; fosc =18MHz
[2] -14
23
mA
IDD(idle)
Idle mode supply current
VDD = 3.6 V; fosc =12MHz
[2] -
3.25
5
mA
VDD = 3.6 V; fosc =18MHz
[2] -5
7
mA
IDD(pd)
power supply current,
Power-down mode, voltage
comparators powered-down
VDD = 3.6 V
[2] -55
80
µA
IDD(tpd)
total Power-down mode supply
current
VDD = 3.6 V
[3] -1
5
µA
(dV/dt)r
rise rate
of VDD
-
-
2
mV/
µs
(dV/dt)f
fall rate
of VDD
-
-
50
mV/
µs
VDDR
data retention voltage
1.5
-
-
V
Vth(HL)
HIGH-LOW threshold voltage
except SCL, SDA
0.22VDD
0.4VDD
-V
VIL
LOW-level input voltage
SCL, SDA only
−0.5
-
0.3VDD
V
Vth(LH)
LOW-HIGH threshold voltage
except SCL, SDA
-
0.6VDD
0.7VDD
V
VIH
HIGH-level input voltage
SCL, SDA only
0.7VDD
-
5.5
V
Vhys
hysteresis voltage
port 1
-
0.2VDD
-V
VOL
LOW-level output voltage
IOL =20mA;
VDD = 2.4 V to 3.6 V
all ports, all modes except
high-Z
[4] -
0.6
1.0
V
IOL = 3.2 mA; VDD = 2.4 V
to 3.6 V all ports, all modes
except high-Z
-
0.2
0.3
V
VOH
HIGH-level output voltage
IOH = −20 µA;
VDD = 2.4 V to 3.6 V;
all ports,
quasi-bidirectional mode
VDD − 0.3
VDD − 0.2
-
V
IOH = −3.2 mA;
VDD = 2.4 V to 3.6 V;
all ports, push-pull mode
VDD − 0.7
VDD − 0.4
-
V
IOH = −10 mA; VDD = 3.6 V;
all ports, push-pull mode
-
3.2
-
V
Vxtal
voltage on XTAL1, XTAL2 pins
with respect to VSS
−0.5
-
+4.0
V
Vn
voltage on any pin (except
XTAL1, XTAL2, VDD)
with respect to VSS
[5]
−0.5
-
+5.5
V
Ciss
input capacitance
[6] -
-
15
pF
IIL
logical 0 input current
VI = 0.4 V
[7] --
−80
µA
ILI
input leakage current
VI =VIL,VIH or Vth(HL)
[8] --
±10
µA
ITL
logical 1-to-0 transition current,
all ports
VI = 1.5 V at VDD = 3.6 V
[9]
−30
-
−450
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com