Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
39 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
8.20.2 Mode 1
10 bits are transmitted (through TXD) or received (through RXD): a start bit (logic 0),
8 data bits (LSB first), and a stop bit (logic 1). When data is received, the stop bit is stored
in RB8 in special function register SCON. The baud rate is variable and is determined by
the Timer 1 overflow rate or the baud rate generator (described in Section 8.20.5 “Baud
rate generator and selection”).
8.20.3 Mode 2
11 bits are transmitted (through TXD) or received (through RXD): start bit (logic 0), 8 data
bits (LSB first), a programmable 9th data bit, and a stop bit (logic 1). When data is
transmitted, the 9th data bit (TB8 in SCON) can be assigned the value of logic 0 or logic 1.
Or, for example, the parity bit (P, in the PSW) could be moved into TB8. When data is
received, the 9th data bit goes into RB8 in special function register SCON, while the stop
bit is not saved. The baud rate is programmable to either 1
⁄
16 or
1
⁄
32 of the CPU clock
frequency, as determined by the SMOD1 bit in PCON.
8.20.4 Mode 3
11 bits are transmitted (through TXD) or received (through RXD): a start bit (logic 0), 8
data bits (LSB first), a programmable 9th data bit, and a stop bit (logic 1). In fact, Mode 3 is
the same as Mode 2 in all respects except baud rate. The baud rate in Mode 3 is variable
and is determined by the Timer 1 overflow rate or the baud rate generator (described in
Section 8.20.5 “Baud rate generator and selection”).
8.20.5 Baud rate generator and selection
The P89LPC933/934/935/936 enhanced UART has an independent baud rate generator.
The baud rate is determined by a baud-rate preprogrammed into the BRGR1 and BRGR0
SFRs which together form a 16-bit baud rate divisor value that works in a similar manner
as Timer 1 but is much more accurate. If the baud rate generator is used, Timer 1 can be
used for other timing functions.
The UART can use either Timer 1 or the baud rate generator output (see Figure 14). Note
that Timer T1 is further divided by 2 if the SMOD1 bit (PCON.7) is cleared. The
independent baud rate generator uses CCLK.
8.20.6 Framing error
Framing error is reported in the status register (SSTAT). In addition, if SMOD0 (PCON.6)
is logic 1, framing errors can be made available in SCON.7 respectively. If SMOD0 is
logic 0, SCON.7 is SM0. It is recommended that SM0 and SM1 (SCON.7:6) are set up
when SMOD0 is logic 0.
Fig 14. Baud rate sources for UART (Modes 1, 3)
baud rate modes 1 and 3
SBRGS = 1
SBRGS = 0
SMOD1 = 0
SMOD1 = 1
timer 1 overflow
(PCLK-based)
baud rate generator
(CCLK-based)
002aaa897
÷2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com