Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 30 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
30 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
8.13 I/O ports
The P89LPC933/934/935/936 has four I/O ports: Port 0, Port 1, Port 2, and Port 3.
Ports 0, 1 and 2 are 8-bit ports, and Port 3 is a 2-bit port. The exact number of I/O pins
available depends upon the clock and reset options chosen, as shown in Table 8.
[1]
Required for operation above 12 MHz.
8.13.1 Port configurations
All but three I/O port pins on the P89LPC933/934/935/936 may be configured by software
to one of four types on a bit-by-bit basis. These are: quasi-bidirectional (standard 80C51
port outputs), push-pull, open drain, and input-only. Two configuration registers for each
port select the output type for each port pin.
1. P1.5 (RST) can only be an input and cannot be configured.
2. P1.2 (SCL/T0) and P1.3 (SDA/INT0) may only be configured to be either input-only or
open-drain.
8.13.1.1
Quasi-bidirectional output configuration
Quasi-bidirectional output type can be used as both an input and output without the need
to reconfigure the port. This is possible because when the port outputs a logic HIGH, it is
weakly driven, allowing an external device to pull the pin LOW. When the pin is driven
LOW, it is driven strongly and able to sink a fairly large current. These features are
somewhat similar to an open-drain output except that there are three pull-up transistors in
the quasi-bidirectional output that serve different purposes.
The P89LPC933/934/935/936 is a 3 V device, but the pins are 5 V-tolerant. In
quasi-bidirectional mode, if a user applies 5 V on the pin, there will be a current flowing
from the pin to VDD, causing extra power consumption. Therefore, applying 5 V in
quasi-bidirectional mode is discouraged.
A quasi-bidirectional port pin has a Schmitt trigger input that also has a glitch suppression
circuit.
8.13.1.2
Open-drain output configuration
The open-drain output configuration turns off all pull-ups and only drives the pull-down
transistor of the port driver when the port latch contains a logic 0. To be used as a logic
output, a port configured in this manner must have an external pull-up, typically a resistor
tied to VDD.
Table 8:
Number of I/O pins available
Clock source
Reset option
Number of I/O pins
(28-pin package)
On-chip oscillator or watchdog
oscillator
No external reset (except during
power-up)
26
External RST pin supported
25
External clock input
No external reset (except during
power-up)
25
External RST pin supported [1]
24
Low/medium/high speed oscillator
(external crystal or resonator)
No external reset (except during
power-up)
24
External RST pin supported [1]
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com