Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
29 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
These external interrupts can be programmed to be level-triggered or edge-triggered by
setting or clearing bit IT1 or IT0 in register TCON.
In edge-triggered mode, if successive samples of the INTn pin show a HIGH in one cycle
and a LOW in the next cycle, the interrupt request flag IEn in TCON is set, causing an
interrupt request.
If an external interrupt is enabled when the P89LPC933/934/935/936 is put into
Power-down or Idle mode, the interrupt will cause the processor to wake-up and resume
operation. Refer to Section 8.15 “Power reduction modes” for details.
(1) See Section 8.19 “CCU (P89LPC935/936)”
(2) P89LPC935/936
Fig 9.
Interrupt sources, interrupt enables, and power-down wake-up sources
002aab081
IE0
EX0
IE1
EX1
BOF
EBO
KBIF
EKBI
interrupt
to CPU
wake-up
(if in power-down)
EWDRT
CMF2
CMF1
EC
EA (IE0.7)
TF1
ET1
TI & RI/RI
ES/ESR
TI
EST
SI
EI2C
SPIF
ESPI
RTCF
ERTC
(RTCCON.1)
WDOVF
TF0
ET0
any CCU interrupt(1)
ECCU
ENADCI0(2)
ADCI0(2)
ENADCI1
ADCI1
ENBI0(2)
BNDI0(2)
ENBI1
BNDI1
EEIF(2)
EADEE (P89LPC935)
EAD (P89LPC933/934)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com