Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 25 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
25 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
external clock input on X1) and if the RTC is not using the crystal oscillator as its clock
source. This allows external devices to synchronize to the P89LPC933/934/935/936. This
output is enabled by the ENCLK bit in the TRIM register.
The frequency of this clock output is 1
⁄
2 that of the CCLK. If the clock output is not needed
in Idle mode, it may be turned off prior to entering Idle, saving additional power.
8.4 On-chip RC oscillator option
The P89LPC933/934/935/936 has a 6-bit TRIM register that can be used to tune the
frequency of the RC oscillator. During reset, the TRIM value is initialized to a factory
preprogrammed value to adjust the oscillator frequency to 7.373 MHz
± 1 % at room
temperature. End-user applications can write to the TRIM register to adjust the on-chip
RC oscillator to other frequencies.
8.5 Watchdog oscillator option
The watchdog has a separate oscillator which has a frequency of 400 kHz. This oscillator
can be used to save power when a high clock frequency is not needed.
8.6 External clock input option
In this configuration, the processor clock is derived from an external source driving the
XTAL1/P3.1 pin. The rate may be from 0 Hz up to 18 MHz. The XTAL2/P3.0 pin may be
used as a standard port pin or a clock output. When using an oscillator frequency
above 12 MHz, the reset input function of P1.5 must be enabled. An external circuit
is required to hold the device in reset at power-up until VDD has reached its
specified level. When system power is removed VDD will fall below the minimum
specified operating voltage. When using an oscillator frequency above 12 MHz, in
some applications, an external brownout detect circuit may be required to hold the
device in reset when VDD falls below the minimum specified operating voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com