Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 64 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 61Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 62Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 63Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 64Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 65Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 66Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 67Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
64 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
Fig 27. External clock timing
tCHCL
tCLCX
tCHCX
Tcy(CLK)
tCLCH
002aaa907
0.2VDD + 0.9 V
0.2VDD − 0.1 V
VDD − 0.5 V
0.45 V
Fig 28. SPI master timing (CPHA = 1)
tSPICYC
tSPICLKL
tSPICLKL
tSPICLKH
tSPICLKH
master LSB/MSB out
master MSB/LSB out
tSPIDH
tSPIDSU
tSPIF
tSPIOH
tSPIDV
tSPIDV
tSPIR
tSPIDV
tSPIF
tSPIF
tSPIR
tSPIR
SS
SPICLK
(CPOL = 0)
(output)
002aaa909
SPICLK
(CPOL = 1)
(output)
MISO
(input)
MOSI
(output)
LSB/MSB in
MSB/LSB in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com