Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
9 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
P2.0 to P2.7
I/O
Port 2: Port 2 is an 8-bit I/O port with a user-configurable output type.
During reset Port 2 latches are configured in the input only mode with the
internal pull-up disabled. The operation of Port 2 pins as inputs and
outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to Section 8.13.1 “Port configurations”
and Table 11 “Static characteristics” for details.
All pins have Schmitt trigger inputs.
Port 2 also provides various special functions as described below:
P2.0/ICB/
DAC0/AD03
1
25
I/O
P2.0 — Port 2 bit 0.
I
ICB — Input Capture B. (P89LPC935/936)
I
DAC0 — Digital-to-analog converter output.
I
AD03 — ADC0 channel 3 analog input. (P89LPC935/936)
P2.1/OCD/
AD02
2
26
I/O
P2.1 — Port 2 bit 1.
O
OCD — Output Compare D. (P89LPC935/936)
I
AD02 — ADC0 channel 2 analog input. (P89LPC935/936)
P2.2/MOSI
13
9
I/O
P2.2 — Port 2 bit 2.
I/O
MOSI — SPI master out slave in. When configured as master, this pin is
output; when configured as slave, this pin is input.
P2.3/MISO
14
10
I/O
P2.3 — Port 2 bit 3.
I/O
MISO — When configured as master, this pin is input, when configured as
slave, this pin is output.
P2.4/SS
15
11
I/O
P2.4 — Port 2 bit 4.
I
SS — SPI Slave select.
P2.5/
SPICLK
16
12
I/O
P2.5 — Port 2 bit 5.
I/O
SPICLK — SPI clock. When configured as master, this pin is output; when
configured as slave, this pin is input.
P2.6/OCA
27
23
I/O
P2.6 — Port 2 bit 6.
O
OCA — Output Compare A. (P89LPC935/936)
P2.7/ICA
28
24
I/O
P2.7 — Port 2 bit 7.
I
ICA — Input Capture A. (P89LPC935/936)
Table 4:
Pin description …continued
Symbol
Pin
Type
Description
TSSOP28,
PLCC28
HVQFN28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com