Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
SADDR
Serial port address register
A9H
00
0000 0000
SADEN
Serial port address enable
B9H
00
0000 0000
SBUF
Serial Port data buffer register
99H
xx
xxxx xxxx
Bit address
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial port control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00
0000 0000
SSTAT
Serial port extended status
register
BAH
DBMOD
INTLO
CIDIS
DBISEL
FE
BR
OE
STINT
00
0000 0000
SP
Stack pointer
81H
07
0000 0111
SPCTL
SPI control register
E2H
SSIG
SPEN
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
04
0000 0100
SPSTAT
SPI status register
E1H
SPIF
WCOL
-
-
-
-
-
-
00
00xx xxxx
SPDAT
SPI data register
E3H
00
0000 0000
TAMOD
Timer 0 and 1 auxiliary mode
8FH
-
-
-
T1M2
-
-
-
T0M2
00
xxx0 xxx0
Bit address
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer 0 and 1 control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00
0000 0000
TH0
Timer 0 high
8CH
00
0000 0000
TH1
Timer 1 high
8DH
00
0000 0000
TL0
Timer 0 low
8AH
00
0000 0000
TL1
Timer 1 low
8BH
00
0000 0000
TMOD
Timer 0 and 1 mode
89H
T1GATE
T1C/T
T1M1
T1M0
T0GATE
T0C/T
T0M1
T0M0
00
0000 0000
TRIM
Internal oscillator trim register
96H
RCCLK
ENCLK
TRIM.5
TRIM.4
TRIM.3
TRIM.2
TRIM.1
TRIM.0
[6] [5]
WDCON
Watchdog control register
A7H
PRE2
PRE1
PRE0
-
-
WDRUN
WDTOF
WDCLK
[7] [5]
Table 5:
Special function registers - P89LPC933/934 …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com