Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 36 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
36 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
Capture Noise Filter bit. If set, the capture logic needs to see four consecutive samples of
the same value in order to recognize an edge as a capture event. An event counter can be
set to delay a capture by a number of capture events.
8.19.6 PWM operation
PWM operation has two main modes, symmetrical and asymmetrical.
In asymmetrical PWM operation the CCU timer operates in down-counting mode
regardless of the direction control bit.
In symmetrical mode, the timer counts up/down alternately. The main difference from
basic timer operation is the operation of the compare module, which in PWM mode is
used for PWM waveform generation.
As with basic timer operation, when the PWM (compare) pins are connected to the
compare logic, their logic state remains unchanged. However, since bit FCO is used to
hold the halt value, only a compare event can change the state of the pin.
Fig 10. Asymmetrical PWM, down-counting mode
Fig 11. Symmetrical PWM
TOR2
compare value
timer value
non-inverted
inverted
0x0000
002aaa893
TOR2
compare value
timer value
non-inverted
inverted
002aaa894
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com