Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 22 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
RSTSRC
Reset source register
DFH
-
-
BOF
POF
R_BK
R_WD
R_SF
R_EX
[4]
RTCCON
Real-time clock control
D1H
RTCF
RTCS1
RTCS0
-
-
-
ERTC
RTCEN
60 [3] [5] 011x xx00
RTCH
Real-time clock register high
D2H
00 [5]
0000 0000
RTCL
Real-time clock register low
D3H
00 [5]
0000 0000
SADDR
Serial port address register
A9H
00
0000 0000
SADEN
Serial port address enable
B9H
00
0000 0000
SBUF
Serial Port data buffer register
99H
xx
xxxx xxxx
Bit address
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial port control
98H
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00
0000 0000
SSTAT
Serial port extended status
register
BAH
DBMOD
INTLO
CIDIS
DBISEL
FE
BR
OE
STINT
00
0000 0000
SP
Stack pointer
81H
07
0000 0111
SPCTL
SPI control register
E2H
SSIG
SPEN
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
04
0000 0100
SPSTAT
SPI status register
E1H
SPIF
WCOL
-
-
-
-
-
-
00
00xx xxxx
SPDAT
SPI data register
E3H
00
0000 0000
TAMOD
Timer 0 and 1 auxiliary mode
8FH
-
-
-
T1M2
-
-
-
T0M2
00
xxx0 xxx0
Bit address
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer 0 and 1 control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00
0000 0000
TCR20*
CCU control register 0
C8H
PLEEN
HLTRN
HLTEN
ALTCD
ALTAB
TDIR2
TMOD21 TMOD20 00
0000 0000
TCR21
CCU control register 1
F9H
TCOU2
-
-
-
PLLDV.3
PLLDV.2
PLLDV.1
PLLDV.0 00
0xxx 0000
TH0
Timer 0 high
8CH
00
0000 0000
TH1
Timer 1 high
8DH
00
0000 0000
TH2
CCU timer high
CDH
00
0000 0000
TICR2
CCU interrupt control register
C9H
TOIE2
TOCIE2
D
TOCIE2
C
TOCIE2B TOCIE2A
-
TICIE2B
TICIE2A 00
0000 0x00
TIFR2
CCU interrupt flag register
E9H
TOIF2
TOCF2D
TOCF2C
TOCF2B
TOCF2A
-
TICF2B
TICF2A
00
0000 0x00
TISE2
CCU interrupt status encode
register
DEH
-
-
-
-
-
ENCINT.
2
ENCINT.
1
ENCINT.
0
00
xxxx x000
TL0
Timer 0 low
8AH
00
0000 0000
TL1
Timer 1 low
8BH
00
0000 0000
Table 6:
Special function registers - P89LPC935/936 …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com