Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
Table 5:
Special function registers - P89LPC933/934
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary
Bit address
E7
E6
E5
E4
E3
E2
E1
E0
ACC*
Accumulator
E0H
00
0000 0000
ADCON0
A/D control register 0
8EH
-
-
-
-
-
ENADC0
-
-
00
0000 0000
ADCON1
A/D control register 1
97H
ENBI1
ENADCI
1
TMM1
EDGE1
ADCI1
ENADC1
ADCS11
ADCS10 00
0000 0000
ADINS
A/D input select
A3H
ADI13
ADI12
ADI11
ADI10
-
-
-
-
00
0000 0000
ADMODA
A/D mode register A
C0H
BNDI1
BURST1
SCC1
SCAN1
-
-
-
-
00
0000 0000
ADMODB
A/D mode register B
A1H
CLK2
CLK1
CLK0
-
ENDAC1
ENDAC0
BSA1
-
00
000x 0000
AD0DAT3
A/D_0 data register 3
F4H
00
0000 0000
AD1BH
A/D_1 boundary high register
C4H
FF
1111 1111
AD1BL
A/D_1 boundary low register
BCH
00
0000 0000
AD1DAT0
A/D_1 data register 0
D5H
00
0000 0000
AD1DAT1
A/D_1 data register 1
D6H
00
0000 0000
AD1DAT2
A/D_1 data register 2
D7H
00
0000 0000
AD1DAT3
A/D_1 data register 3
F5H
00
0000 0000
AUXR1
Auxiliary function register
A2H
CLKLP
EBRR
ENT1
ENT0
SRST
0
-
DPS
00 [1]
0000 00x0
Bit address
F7
F6
F5
F4
F3
F2
F1
F0
B*
B register
F0H
00
0000 0000
BRGR0
Baud rate generator rate low
BEH
00 [2]
0000 0000
BRGR1
Baud rate generator rate high
BFH
00 [1] [2] 0000 0000
BRGCON
Baud rate generator control
BDH
-
-
-
-
-
-
SBRGS
BRGEN
00 [2]
xxxx xx00
CMP1
Comparator 1 control register
ACH
-
-
CE1
CP1
CN1
OE1
CO1
CMF1
00 [1]
xx00 0000
CMP2
Comparator 2 control register
ADH
-
-
CE2
CP2
CN2
OE2
CO2
CMF2
00 [1]
xx00 0000
DIVM
CPU clock divide-by-M
control
95H
00
0000 0000
DPTR
Data pointer (2 bytes)
DPH
Data pointer high
83H
00
0000 0000
DPL
Data pointer low
82H
00
0000 0000
FMADRH
Program flash address high
E7H
00
0000 0000
FMADRL
Program flash address low
E6H
00
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com