Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
OCRCH
Output compare C register
high
FDH
00
0000 0000
OCRCL
Output compare C register
low
FCH
00
0000 0000
OCRDH
Output compare D register
high
FFH
00
0000 0000
OCRDL
Output compare D register
low
FEH
00
0000 0000
Bit address
87
86
85
84
83
82
81
80
P0*
Port 0
80H
T1/KB7
CMP1
/KB6
CMPREF
/KB5
CIN1A
/KB4
CIN1B
/KB3
CIN2A
/KB2
CIN2B
/KB1
CMP2
/KB0
[3]
Bit address
97
96
95
94
93
92
91
90
P1*
Port 1
90H
OCC
OCB
RST
INT1
INT0/
SDA
T0/SCL
RXD
TXD
[3]
Bit address
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0H
ICA
OCA
SPICLK
SS
MISO
MOSI
OCD
ICB
[3]
Bit address
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
-
-
-
-
-
-
XTAL1
XTAL2
[3]
P0M1
Port 0 output mode 1
84H
(P0M1.7) (P0M1.6) (P0M1.5) (P0M1.4) (P0M1.3) (P0M1.2) (P0M1.1) (P0M1.0) FF [3]
1111 1111
P0M2
Port 0 output mode 2
85H
(P0M2.7) (P0M2.6) (P0M2.5) (P0M2.4) (P0M2.3) (P0M2.2) (P0M2.1) (P0M2.0) 00 [3]
0000 0000
P1M1
Port 1 output mode 1
91H
(P1M1.7) (P1M1.6)
-
(P1M1.4) (P1M1.3) (P1M1.2) (P1M1.1) (P1M1.0) D3 [3]
11x1 xx11
P1M2
Port 1 output mode 2
92H
(P1M2.7) (P1M2.6)
-
(P1M2.4) (P1M2.3) (P1M2.2) (P1M2.1) (P1M2.0) 00 [3]
00x0 xx00
P2M1
Port 2 output mode 1
A4H
(P2M1.7) (P2M1.6) (P2M1.5) (P2M1.4) (P2M1.3) (P2M1.2) (P2M1.1) (P2M1.0) FF [3]
1111 1111
P2M2
Port 2 output mode 2
A5H
(P2M2.7) (P2M2.6) (P2M2.5) (P2M2.4) (P2M2.3) (P2M2.2) (P2M2.1) (P2M2.0) 00 [3]
0000 0000
P3M1
Port 3 output mode 1
B1H
-
-
-
-
-
-
(P3M1.1) (P3M1.0) 03 [3]
xxxx xx11
P3M2
Port 3 output mode 2
B2H
-
-
-
-
-
-
(P3M2.1) (P3M2.0) 00 [3]
xxxx xx00
PCON
Power control register
87H
SMOD1
SMOD0
BOPD
BOI
GF1
GF0
PMOD1
PMOD0
00
0000 0000
PCONA
Power control register A
B5H
RTCPD
DEEPD
VCPD
ADPD
I2PD
SPPD
SPD
CCUPD
00 [3]
0000 0000
Bit address
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
00
0000 0000
PT0AD
Port 0 digital input disable
F6H
-
-
PT0AD.5
PT0AD.4
PT0AD.3
PT0AD.2
PT0AD.1
-
00
xx00 000x
Table 6:
Special function registers - P89LPC935/936 …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com