Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 38 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
38 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
8.19.9 CCU interrupts
There are seven interrupt sources on the CCU which share a common interrupt vector.
8.20 UART
The P89LPC933/934/935/936 has an enhanced UART that is compatible with the
conventional 80C51 UART except that Timer 2 overflow cannot be used as a baud rate
source. The P89LPC933/934/935/936 does include an independent baud rate generator.
The baud rate can be selected from the oscillator (divided by a constant), Timer 1
overflow, or the independent baud rate generator. In addition to the baud rate generation,
enhancements over the standard 80C51 UART include Framing Error detection,
automatic address recognition, selectable double buffering and several interrupt options.
The UART can be operated in four modes: shift register, 8-bit UART, 9-bit UART, and CPU
clock
⁄
32 or CPU
clock
⁄
16.
8.20.1 Mode 0
Serial data enters and exits through RXD. TXD outputs the shift clock. 8 bits are
transmitted or received, LSB first. The baud rate is fixed at 1
⁄
16 of the CPU clock
frequency.
Fig 13. Capture/compare unit interrupts
002aaa896
interrupt to
CPU
TOIE2 (TICR2.7)
TOIF2 (TIFR2.7)
TICIE2A (TICR2.0)
TICF2A (TIFR2.0)
TICIE2B (TICR2.1)
TICF2B (TIFR2.1)
TOCIE2A (TICR2.3)
TOCF2A (TIFR2.3)
TOCIE2B (TICR2.4)
TOCF2B (TIFR2.4)
TOCIE2C (TICR2.5)
TOCF2C (TIFR2.5)
TOCIE2D (TICR2.6)
TOCF2D (TIFR2.6)
EA (IEN0.7)
ECCU (IEN1.4)
PRIORITY
ENCODER
other
interrupt
sources
ENCINT.0
ENCINT.1
ENCINT.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com