Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
27 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
8.7 CCLK wake-up delay
The P89LPC933/934/935/936 has an internal wake-up timer that delays the clock until it
stabilizes depending on the clock source used. If the clock source is any of the three
crystal selections (low, medium and high frequencies) the delay is 992 OSCCLK cycles
plus 60
µsto100 µs. If the clock source is either the internal RC oscillator, watchdog
oscillator, or external clock, the delay is 224 OSCCLK cycles plus 60
µsto100 µs.
8.8 CCLK modification: DIVM register
The OSCCLK frequency can be divided down up to 510 times by configuring a dividing
register, DIVM, to generate CCLK. This feature makes it possible to temporarily run the
CPU at a lower rate, reducing power consumption. By dividing the clock, the CPU can
retain the ability to respond to events that would not exit Idle mode by executing its normal
program at a lower rate. This can also allow bypassing the oscillator start-up time in cases
where Power-down mode would otherwise be used. The value of DIVM may be changed
by the program at any time without interrupting code execution.
8.9 Low power select
The P89LPC933/934/935/936 is designed to run at 12 MHz (CCLK) maximum. However,
if CCLK is 8 MHz or slower, the CLKLP SFR bit (AUXR1.7) can be set to logic 1 to lower
the power consumption further. On any reset, CLKLP is logic 0 allowing highest
performance access. This bit can then be set in software if CCLK is running at 8 MHz or
slower.
8.10 Memory organization
The various P89LPC933/934/935/936 memory spaces are as follows:
• DATA
128 bytes of internal data memory space (00H:7FH) accessed via direct or indirect
addressing, using instructions other than MOVX and MOVC. All or part of the Stack
may be in this area.
• IDATA
Indirect Data. 256 bytes of internal data memory space (00H:FFH) accessed via
indirect addressing using instructions other than MOVX and MOVC. All or part of the
Stack may be in this area. This area includes the DATA area and the 128 bytes
immediately above it.
• SFR
Selected CPU registers and peripheral control and status registers, accessible only
via direct addressing.
• XDATA (P89LPC935/936)
‘External’ Data or Auxiliary RAM. Duplicates the classic 80C51 64 kB memory space
addressed via the MOVX instruction using the SPTR, R0, or R1. All or part of this
space could be implemented on-chip. The P89LPC935/936 has 512 bytes of on-chip
XDATA memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com