Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
33 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
8.15.3 Total Power-down mode
This is the same as Power-down mode except that the brownout detection circuitry and
the voltage comparators are also disabled to conserve additional power. The internal RC
oscillator is disabled unless both the RC oscillator has been selected as the system clock
and the RTC is enabled. If the internal RC oscillator is used to clock the RTC during
power-down, there will be high power consumption. Please use an external low frequency
clock to achieve low power with the RTC running during power-down.
8.16 Reset
The P1.5/RST pin can function as either a LOW-active reset input or as a digital input,
P1.5. The Reset Pin Enable (RPE) bit in UCFG1, when set to logic 1, enables the external
reset input function on P1.5. When cleared, P1.5 may be used as an input pin.
Remark: During a power-up sequence, the RPE selection is overridden and this pin will
always functions as a reset input. An external circuit connected to this pin should not
hold this pin LOW during a power-on sequence as this will keep the device in reset.
After power-up this input will function either as an external reset input or as a digital input
as defined by the RPE bit. Only a power-up reset will temporarily override the selection
defined by RPE bit. Other sources of reset will not override the RPE bit.
Reset can be triggered from the following sources:
• External reset pin (during power-up or if user configured via UCFG1).
• Power-on detect.
• Brownout detect.
• Watchdog timer.
• Software reset.
• UART break character detect reset.
For every reset source, there is a flag in the reset register, RSTSRC. The user can read
this register to determine the most recent reset source. These flag bits can be cleared in
software by writing a logic 0 to the corresponding bit. More than one flag bit may be set:
• During a power-on reset, both POF and BOF are set but the other flag bits are
cleared.
• For any other reset, previously set flag bits that have not been cleared will remain set.
8.16.1 Reset vector
Following reset, the P89LPC933/934/935/936 will fetch instructions from either address
0000H or the boot address. The boot address is formed by using the boot vector as the
high byte of the address and the low byte of the address = 00H.
The boot address will be used if a UART break reset occurs, or the non-volatile boot
status bit (BOOTSTAT.0) = 1, or the device is forced into ISP mode during power-on (see
P89LPC933/934/935/936 User manual). Otherwise, instructions will be fetched from
address 0000H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com