Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 67 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 63Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 64Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 65Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 66Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 67Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 68Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 69Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 70Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
67 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
13.2 A/D converter electrical characteristics
Table 16:
A/D converter electrical characteristics
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial, unless otherwise specified.
All limits valid for an external source impedance of less than 10 k
Ω.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
VSS − 0.2 -
VSS + 0.2
V
Ciss
analog input capacitance
-
-
15
pF
ED
differential non-linearity
-
-
±1
LSB
EL(adj)
integral non-linearity
-
-
±1
LSB
EO
offset error
-
-
±2
LSB
EG
gain error
-
-
±1%
Eu(tot)
total unadjusted error
-
-
±2
LSB
MCTC
channel-to-channel matching
-
-
±1
LSB
αct(port)
crosstalk between port inputs
0 kHz to 100 kHz
-
-
−60
dB
SRin
input slew rate
-
-
100
V/ms
Tcy(ADC)
ADC clock cycle
111
-
2000
ns
tADC
conversion time
A/D enabled
-
-
13Tcy(ADC) ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com