Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 62 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 58Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 61Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 62Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 63Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 64Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 65Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
62 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
[1]
Parameters are valid over ambient temperature range unless otherwise specified.
[2]
Parts are tested to 2 MHz, but are guaranteed to operate down to 0 Hz.
tSPICLKH
SPICLK HIGH time
see Figure 26, 28,
29, 30
master
2
⁄
CCLK
-
111
-
ns
slave
3
⁄
CCLK
-
167
-
ns
tSPICLKL
SPICLK LOW time
see Figure 26, 28,
29, 30
master
2
⁄
CCLK
-
111
-
ns
slave
3
⁄
CCLK
-
167
-
ns
tSPIDSU
SPI data setup time (master or
slave)
see Figure 26, 28,
29, 30
100
-
100
-
ns
tSPIDH
SPI data hold time (master or
slave)
see Figure 26, 28,
29, 30
100
-
100
-
ns
tSPIA
SPI access time (slave)
see Figure 29, 30
0
80
0
80
ns
tSPIDIS
SPI disable time (slave)
see Figure 29, 30
0
160
-
160
ns
tSPIDV
SPI enable to output data valid
time
see Figure 26, 28,
29, 30
slave
-
160
-
160
ns
master
-
111
-
111
ns
tSPIOH
SPI output data hold time
see Figure 26, 28,
29, 30
0-
0
-
ns
tSPIR
SPI rise time
see Figure 26, 28,
29, 30
SPI outputs
(SPICLK, MOSI, MISO)
-
100
-
100
ns
SPI inputs
(SPICLK, MOSI, MISO, SS)
-
2000
-
2000
ns
tSPIF
SPI fall time
see Figure 26, 28,
29, 30
SPI outputs
(SPICLK, MOSI, MISO)
-
100
-
100
ns
SPI inputs
(SPICLK, MOSI, MISO, SS)
-
2000
-
2000
ns
Table 13:
Dynamic characteristics (18 MHz) …continued
VDD = 3.0 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial, unless otherwise specified. [1] [2]
Symbol
Parameter
Conditions
Variable clock
fosc = 18 MHz Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com