Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC933FDH Datasheet(PDF) 15 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
KBMASK
Keypad interrupt mask
register
86H
00
0000 0000
KBPATN
Keypad pattern register
93H
FF
1111 1111
Bit address
87
86
85
84
83
82
81
80
P0*
Port 0
80H
T1/KB7
CMP1
/KB6
CMPREF
/KB5
CIN1A
/KB4
CIN1B
/KB3
CIN2A
/KB2
CIN2B
/KB1
CMP2
/KB0
[3]
Bit address
97
96
95
94
93
92
91
90
P1*
Port 1
90H
-
-
RST
INT1
INT0/
SDA
T0/SCL
RXD
TXD
[3]
Bit address
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0H
-
-
SPICLK
SS
MISO
MOSI
-
-
[3]
Bit address
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
-
-
-
-
-
-
XTAL1
XTAL2
[3]
P0M1
Port 0 output mode 1
84H
(P0M1.7) (P0M1.6) (P0M1.5) (P0M1.4) (P0M1.3) (P0M1.2) (P0M1.1) (P0M1.0) FF [3]
1111 1111
P0M2
Port 0 output mode 2
85H
(P0M2.7) (P0M2.6) (P0M2.5) (P0M2.4) (P0M2.3) (P0M2.2) (P0M2.1) (P0M2.0) 00 [3]
0000 0000
P1M1
Port 1 output mode 1
91H
(P1M1.7) (P1M1.6)
-
(P1M1.4) (P1M1.3) (P1M1.2) (P1M1.1) (P1M1.0) D3 [3]
11x1 xx11
P1M2
Port 1 output mode 2
92H
(P1M2.7) (P1M2.6)
-
(P1M2.4) (P1M2.3) (P1M2.2) (P1M2.1) (P1M2.0) 00 [3]
00x0 xx00
P2M1
Port 2 output mode 1
A4H
(P2M1.7) (P2M1.6) (P2M1.5) (P2M1.4) (P2M1.3) (P2M1.2) (P2M1.1) (P2M1.0) FF [3]
1111 1111
P2M2
Port 2 output mode 2
A5H
(P2M2.7) (P2M2.6) (P2M2.5) (P2M2.4) (P2M2.3) (P2M2.2) (P2M2.1) (P2M2.0) 00 [3]
0000 0000
P3M1
Port 3 output mode 1
B1H
-
-
-
-
-
-
(P3M1.1) (P3M1.0) 03 [3]
xxxx xx11
P3M2
Port 3 output mode 2
B2H
-
-
-
-
-
-
(P3M2.1) (P3M2.0) 00 [3]
xxxx xx00
PCON
Power control register
87H
SMOD1
SMOD0
BOPD
BOI
GF1
GF0
PMOD1
PMOD0
00
0000 0000
PCONA
Power control register A
B5H
RTCPD
-
VCPD
ADPD
I2PD
SPPD
SPD
-
00 [3]
0000 0000
Bit address
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
00
0000 0000
PT0AD
Port 0 digital input disable
F6H
-
-
PT0AD.5
PT0AD.4
PT0AD.3
PT0AD.2
PT0AD.1
-
00
xx00 000x
RSTSRC
Reset source register
DFH
-
-
BOF
POF
R_BK
R_WD
R_SF
R_EX
[4]
RTCCON
Real-time clock control
D1H
RTCF
RTCS1
RTCS0
-
-
-
ERTC
RTCEN
60 [3] [5] 011x xx00
RTCH
Real-time clock register high
D2H
00 [5]
0000 0000
RTCL
Real-time clock register low
D3H
00 [5]
0000 0000
Table 5:
Special function registers - P89LPC933/934 …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com