Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 25 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 25 Page - Micronas

Back Button HAR2425 Datasheet HTML 21Page - Micronas HAR2425 Datasheet HTML 22Page - Micronas HAR2425 Datasheet HTML 23Page - Micronas HAR2425 Datasheet HTML 24Page - Micronas HAR2425 Datasheet HTML 25Page - Micronas HAR2425 Datasheet HTML 26Page - Micronas HAR2425 Datasheet HTML 27Page - Micronas HAR2425 Datasheet HTML 28Page - Micronas HAR2425 Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
DATA SHEET
HAR 24xy
Micronas
July 14, 2015; DSH000170_001EN
25
tPOD
Power-Up Time (Time to Reach
Certain Output Accuracy)6)
OUTx
1.7
8.0
ms
ms
Additional error of 1% Full-Scale
Full accuracy
BW
Small Signal Bandwidth
(
3dB)6)
OUTx
2
kHz
VOUTrms
Output Noise Voltage RMS6)
OUT

4
mV
BARREL SHIFTER=3
Overall gain in signal path =1
External circuitry according to
Fig. 5–1 on page 30 with low-noise
supply
fPWM
PWM Frequency
(HAR 2455 only)2)6)
OUT
1.7
0.85
0.425
0.213
2
1
0.5
0.25
2.3
1.15
0.575
0.288
kHz
Customer programmable
JPWM
RMS PWM Jitter
(HAR 2455 only)2)6)
OUT
12LSB12
fPWM = 1 kHz
ROUT
Output Resistance over
Recommended Operating Range
OUTx
110
VOUTLmax VOUT VOUTHmin
TSSOP14-1 Package
Rthja
Rthja
Rthjc
Rthjc
Thermal resistance
Junction to Ambient
Junction to Ambient
Junction to Case
Junction to Case

146
187
47
49
K/W
K/W
K/W
K/W
measured on 2s2p board
measured on 1s0p board
measured on 2s2p board
measured on 1s0p board
1) Output DAC full scale = 5 V ratiometric, Output DAC offset = 0 V, Output DAC LSB = V
SUP/4096
2) If more than 50% of the selected magnetic field range is used and the temperature compensation is suitable.
INL = VOUT - VOUTLSF with VOUTLSF = Least Square Fit through measured output voltage
3) Signal Band Area with full accuracy is located between V
OUTL and VOUTH. The sensor accuracy is reduced below VOUTL
and above VOUTH
4) External package stress or overmolding might change this parameter
5) Guaranteed by Design
6) Characterized on small sample size, not tested
Symbol
Parameter
Pin
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com