Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 11 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 11 Page - Micronas

Back Button HAR2425 Datasheet HTML 7Page - Micronas HAR2425 Datasheet HTML 8Page - Micronas HAR2425 Datasheet HTML 9Page - Micronas HAR2425 Datasheet HTML 10Page - Micronas HAR2425 Datasheet HTML 11Page - Micronas HAR2425 Datasheet HTML 12Page - Micronas HAR2425 Datasheet HTML 13Page - Micronas HAR2425 Datasheet HTML 14Page - Micronas HAR2425 Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
DATA SHEET
HAR 24xy
Micronas
July 14, 2015; DSH000170_001EN
11
GAINOFF
The GAINOFF register offers the possibility to read the
magnetic field information after the DAC GAIN and
OFFSET scaling.
This register has a length of 16 bit and it is two’s-com-
plement coded. Therefore the register value can vary
between
32768...32767.
DAC
The DAC register offers the possibility to read the mag-
netic field information at the end of the complete signal
path. The value of this register is then converted into
an analog output voltage.
The register has a length of 16 bit and it is two’s-com-
plement coded. Therefore the register value can vary
between
32768...32767.
MIC_ID1 and MIC_ID2
The two registers MIC_ID1 and MIC_ID2 are used by
Micronas to store production information like, wafer
number, die position on wafer, production lot, etc. Both
registers have a length of 16 bit each and are readout
only.
PWM Frequency
The PWM frequency is selectable by 2 bits, which are
part of the CUSTOMER SETUP register (bits 11:10).
The CUSTOMER SETUP register is described on the
following pages. The following four different frequen-
cies can be used:
DIAGNOSIS
The DIAGNOSIS register enables the customer to
identify certain failures detected by the sensor.
HAR 2425 performs certain self tests during power-up
of the sensor and also during normal operation. The
result of these self tests is stored in the DIAGNOSIS
register. DIAGNOSIS register is a 16 bit register.
Details on the sensor self tests can be found in
Section 3.3. on page 16.
PROG_DIAGNOSIS
The PROG_DIAGNOSIS register enables the cus-
tomer to identify errors occurring during programming
and writing of the EEPROM or NVRAM memory. The
customer must either check the status of this register
after each write or program command or alternatively
the second acknowledge. Please check the Program-
ming Guide for HAL 24xy.
The PROG_DIAGNOSIS register is a 16 bit register.
The following table shows the different bits indicating
certain errors possibilities.
Table 3–1: Selectable PWM frequencies
PWM_FREQ
Frequency
Resolution
Bit 11
Bit 10
1
1
2 kHz
11 bit
0
0
1 kHz
12 bit
0
1
500 Hz
12 bit
1
0
250 Hz
12 bit
Bit no.
Function
Description
15:6
None
Reserved
5
State Machine
(DSP) Self test
This bit is set to 1 in case that the
statemachine self test fails.
(continuously running)
4
EEPROM Self test
This bit is set to 1 in case that the
EEPROM self test fails.
(Performed during power-up only)
3
ROM Check
This bit is set to 1 in case that ROM
parity check fails.
(continuously running)
2AD converter
overflow
This bit is set to 1 in case the input
signal is too high, indicating a
problem with the magnetic range.
1:0
None
Reserved
Bit No. Function
Description
15:11
None
Reserved
10
Charge Pump
Error
This bit is set to 1 in case that
the internal programming
voltage was to low
9
Voltage Error
during Program/
Erase
This bit is set to 1 in case that
the internal supply voltage was
to low during program or erase
8
NVRAM Error
This bit is set to 1 in case that
the programming of the
NVRAM failed
7:0
Memory
Programming
For further information please
refer to the Programming
Guide for HAL 242x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com