Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 7 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 7 Page - Micronas

Back Button HAR2425 Datasheet HTML 3Page - Micronas HAR2425 Datasheet HTML 4Page - Micronas HAR2425 Datasheet HTML 5Page - Micronas HAR2425 Datasheet HTML 6Page - Micronas HAR2425 Datasheet HTML 7Page - Micronas HAR2425 Datasheet HTML 8Page - Micronas HAR2425 Datasheet HTML 9Page - Micronas HAR2425 Datasheet HTML 10Page - Micronas HAR2425 Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DATA SHEET
HAR 24xy
Micronas
July 14, 2015; DSH000170_001EN
7
3. Functional Description
3.1. General Function
HAR 24xy is a dual-die integrated circuit. The two dies
have independent pins for power supply, ground, and
output to guaranty full redundancy. Due to the stacked
assembly they are in the same magnetic field position,
and thereby generating synchronous measurement
outputs. The HAR 2425 provides redundant output
voltages proportional to the magnetic flux through the
Hall plates and proportional to the supply voltage (rati-
ometric behavior). The HAR 2455 offers PWM outputs.
The external magnetic field component perpendicular
to the branded side of the package generates a Hall
voltage. The Hall IC is sensitive to magnetic north and
south polarity. For each die this voltage is converted to
a digital value, processed in the Digital Signal Process-
ing unit (DSP) according to the settings of the
EEPROM registers, converted back to an analog volt-
age with ratiometric behavior and buffered by a push-
pull output transistor stage (HAR 2425) or output as
PWM signal (HAR 2455).
The setting of a LOCK bit disables the programming of
the EEPROM memory for all time. This bit cannot be
reset by the customer.
As long as the LOCK bit is not set, the output charac-
teristic can be adjusted by programming the EEPROM
registers. The IC is addressed by modulating the out-
put voltage.
In the supply voltage range from 4.5 V up to 5.5 V, the
sensor
generates
an
analog
output
voltage
(HAR 2425) or a PWM signal (HAR 2455). After
detecting a command, the sensor reads or writes the
memory and answers with a digital signal on the output
pin. The analog output is switched off during the com-
munication.
Several sensors in parallel to the same supply and
ground line can be programmed individually. The
selection of each sensor is done via its output pin. See
Programming Guide HAL 24xy and HAR 24xy.
The open-circuit detection provides a defined output
voltage if the VSUP or GND line is broken.
Internal temperature compensation circuitry and the
spinning-current offset compensation enable operation
over the full temperature range with minimal changes
in accuracy and high offset stability. The circuitry also
reduces offset shifts due to mechanical stress from the
package. In addition, the sensor IC is equipped with
overvoltage and reverse-voltage protection at all pins.
Fig. 3–1: HAR2425 block diagram
OUT2
VSUP2
GND2
Internally
Temperature
Oscillator
Switched
A/D
Digital
OUT1
VSUP1
GND1
EEPROM Memory
Lock Control
Stabilized
Supply and
Protection
Devices
Dependent
Bias
Protection
Devices
Hall Plate
Converter
Signal
Processing
Temperature
A/D
Sensor
Converter
Programming
Interface
Linearization
Open-circuit,
Overvoltage,
Undervoltage
Detection
Analog
Output
D/A
Converter
16 Setpoints



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com