Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 28 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 28 Page - Micronas

Back Button HAR2425 Datasheet HTML 24Page - Micronas HAR2425 Datasheet HTML 25Page - Micronas HAR2425 Datasheet HTML 26Page - Micronas HAR2425 Datasheet HTML 27Page - Micronas HAR2425 Datasheet HTML 28Page - Micronas HAR2425 Datasheet HTML 29Page - Micronas HAR2425 Datasheet HTML 30Page - Micronas HAR2425 Datasheet HTML 31Page - Micronas HAR2425 Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
HAR 24xy
DATA SHEET
28
July 14, 2015; DSH000170_001EN
Micronas
4.14. Magnetic Characteristics
at TJ = 40 °C to +170 °C, VSUP1=VSUP2 = 4.5 V to 5.5 V, GND1=GND2=GNDePad = 0 V after programming and
locking, at Recommended Operation Conditions if not otherwise specified in the column “Conditions”.
Typical Characteristics for TJ = 25 °C and VSUPx = 5 V.
Symbol
Parameter
Pin
Min.
Typ.
Max.
Unit
Test Conditions
SENS
Magnetic Sensitivity1)

170
mV/
mT
Programmable VSUP = 5 V and TJ =
25 °C; BARREL SHIFTER=
±12 mT
Vout = 4 V
RANGEABS Absolute Range of CFX
Register (Magnetic
Range)1)
100
200
235
%
See Section 3.2. on page 9 for CFX
register definition.
BOffset
Magnetic Offset1)
OUTx
0.4
0
0.4
mT
B = 0 mT, IOUT = 0 mA, TJ = 25 °C,
unadjusted sensor
B
Offset/T
Magnetic Offset Change
due to TJ
1)
OUTx
50
5
T/K
B = 0 mT, IOUT = 0 mA
BARREL SHIFTER = 3 (
±50 mT)
ES
Error in Magnetic
Sensitivity2)
OUTx
1%
2.5
%
VSUP = 5 V
BARREL SHIFTER = 3 (
±50 mT)
1) Characterized on small sample size, not tested.
2) ES over the complete temperature range is tested on sample basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com