Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 21 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 21 Page - Micronas

Back Button HAR2425 Datasheet HTML 17Page - Micronas HAR2425 Datasheet HTML 18Page - Micronas HAR2425 Datasheet HTML 19Page - Micronas HAR2425 Datasheet HTML 20Page - Micronas HAR2425 Datasheet HTML 21Page - Micronas HAR2425 Datasheet HTML 22Page - Micronas HAR2425 Datasheet HTML 23Page - Micronas HAR2425 Datasheet HTML 24Page - Micronas HAR2425 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DATA SHEET
HAR 24xy
Micronas
July 14, 2015; DSH000170_001EN
21
4.2. Soldering, Welding and Assembly
Information related to solderability, welding, assembly, and second-level packaging is included in the document
“Guidelines for the Assembly of Micronas Packages”.
It is available on the Micronas website (http://www.micronas.com/en/service-center/downloads) or on the service
portal (http://service.micronas.com).
4.3. Pin Connections and Short Descriptions
All not connected (NC) pins must be connected to
GND. In case of redundancy requirements Micronas
recommends the following grounding:
• GND plane1: Pin 1, 3, 5, 7
• GND plane2: Pin 8, 10, 12, 14
• GND plane3: Pin 4, 11
To avoid a separate GND plane3, please connect
either pin 4 or pin 11 to the nearest GND and leave the
other pin not connected.
Note: To minimize mechanical stress to the dies, the
exposed pad should not be soldered!
Fig. 4–3: Pin configuration
Fig. 4–4: Top/side view of the package.
4.4. Dimensions of Sensitive Area
250 x 250 µm2
4.5. Package Parameter and Position of Sensitive
Areas
Pin
No
Pin
Name
Type
Short Description
Die 1
2
VSUP1
SUPPLY
Supply Voltage die 1
3
GND1
GND
Ground die 1
4
GNDePad
GNDePad
Ground ePad
6
OUT1
I/O
Push-Pull Output
(HAR 2425)
or
PWM Output
(HAR 2455)
and Programming Pin
Die 1
Die 2
9
VSUP2
SUPPLY
Supply Voltage die 2
11
GNDePad
GNDePad
Ground ePad
12
GND2
GND
Ground die 2
13
OUT2
I/O
Push-Pull Output
(HAR 2425)
or
PWM Output
(HAR 2455)
and Programming Pin
Die 2
TSSOP14-1
x1 = x2
0 mm nominal
y1 = y2
0.21 mm nominal
z1
0.55 mm nominal
z2
0.33 mm nominal
Bd1
0.3 mm
Bd2
0.3 mm
2
12
Pin 13
VSUP1
OUT2
GND2
3
Pin 6
OUT1
GND1
VSUP2
9
4GNDePad
11
GNDePad
2
11
VSUP1
GND2
4
6
OUT1
GND1
VSUP2
9
OUT2
13
5
12
GNDePad
GNDePad
1
3
7
10
8
14
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com