Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 13 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 13 Page - Micronas

Back Button HAR2425 Datasheet HTML 9Page - Micronas HAR2425 Datasheet HTML 10Page - Micronas HAR2425 Datasheet HTML 11Page - Micronas HAR2425 Datasheet HTML 12Page - Micronas HAR2425 Datasheet HTML 13Page - Micronas HAR2425 Datasheet HTML 14Page - Micronas HAR2425 Datasheet HTML 15Page - Micronas HAR2425 Datasheet HTML 16Page - Micronas HAR2425 Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DATA SHEET
HAR 24xy
Micronas
July 14, 2015; DSH000170_001EN
13
CUST_ID1 and CUST_ID2
The two registers CUST_ID1 and CUST_ID2 can be
used to store customer information. Both registers
have a length of 16 bit each.
Barrel Shifter (Magnetic Ranges)
The signal path of HAR 24xy contains a Barrel Shifter
to emulate magnetic ranges. The customer can select
between different magnetic ranges by changing the
Barrel Shifter setting. After decimation filter the signal
path has a word length of 22 bit. The Barrel Shifter
selects 16 bit out of the available 22 bit.
The Barrel Shifter bits are part of the CUSTOMER
SETUP register (bits 14...12). The CUSTOMER
SETUP register is described on the following pages.
Note: In case that the external field exceeds the mag-
netic field range the CFX register will be
clamped either to
32768 or 32767 depending
on the sign of the magnetic field.
Magnetic Sensitivity TCCG
The TCCG (Sensitivity) registers (TCCG0...TCCG2)
contain the customer setting temperature dependant
gain factor. The multiplication factor is a second order
polynomial of the temperature.
All three polynomial coefficients have a bit length of 16
bit and they are two’s-complement coded. Therefore
the register values can vary between
32768...32767.
In case that the target polynomial is based on normal-
ized values, then each coefficient can vary between
4 ... +4. To store each coefficient into the EEPROM it
is necessary to multiply the normalized coefficients
with 32768.
Example:
– Tccg0 = 0.5102 => TCCG0 = 16719
– Tccg1 =
0.0163 => TCCG1 = 536
– Tccg2 = 0.0144 => TCCG2 = 471
In case that the polynomial was calculated based on
not normalized values of TEMP_ADJ and MIC_COMP,
then it is not necessary to multiply the polynomial coef-
ficients with a factor of 32768.
Magnetic Sensitivity TCCO
The TCCO (Offset) registers (TCCO0 and TCCO1)
contain the parameters for temperature dependant off-
set correction. The offset value is a first order polyno-
mial of the temperature.
Both polynomial coefficients have a bit length of 16 bit
and they are two’s-complement coded. Therefore the
register values can vary between
32768...32767.
In case that the target polynomial is based on normal-
ized values, then each coefficient can vary between
4 ... +4. To store each coefficient into the EEPROM it
is necessary to multiply the normalized coefficients
with 32768.
In case that the polynomial was calculated based on
not normalized values of TEMP_ADJ and MIC_COMP,
then it is not necessary to multiply the polynomial coef-
ficients.
In addition HAR 24xy features a linearization function
based on 16 setpoints. The setpoint linearization in
general allows to linearize a given output characteristic
by applying the inverse compensation curve.
Each of the 16 setpoints (SETPT) registers have a
length of 16 bit. The setpoints have to be computed
and stored in a differential way. This means that if all
setpoints are set to 0, then the linearization is set to
neutral and a linear curve is used.
Sensitivity and Offset Scaling before Setpoint
Linearization SCALE_GAIN/SCALE_OFFSET
The setpoint linearization uses the full 16 bit number
range 0...32767 (only positive values possible). So the
signal path should be properly scaled for optimal
usage of all 16 setpoints.
For optimum usage of the number range an additional
scaling stage is added in front of the set point algo-
rithm. The setpoint algorithm allows positive input
numbers only.
The input scaling for the linearization stage is done
with
the
EEPROM
registers
SCALE_GAIN
and
SCALE_OFFSET. The register content is calculated
based on the calibration angles. Both registers have a
bit length of 16 bit and are two’s-complemented coded.
Table 3–2: Relation between Barrel Shifter setting and
emulated magnetic range
BARREL SHIFTER
Used bits
Typ. magnetic range
0
22...7
not used
1
21...6
200 mT
2
20...5
100 mT
3
19...4
50 mT
4
18...3
25 mT
5
17...2
12 mT
6
16...1
6mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com