Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 14 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 14 Page - Micronas

Back Button HAR2425 Datasheet HTML 10Page - Micronas HAR2425 Datasheet HTML 11Page - Micronas HAR2425 Datasheet HTML 12Page - Micronas HAR2425 Datasheet HTML 13Page - Micronas HAR2425 Datasheet HTML 14Page - Micronas HAR2425 Datasheet HTML 15Page - Micronas HAR2425 Datasheet HTML 16Page - Micronas HAR2425 Datasheet HTML 17Page - Micronas HAR2425 Datasheet HTML 18Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
HAR 24xy
DATA SHEET
14
July 14, 2015; DSH000170_001EN
Micronas
Analog Output Signal Scaling with DAC_GAIN/
DAC_OFFSET (HAR 2425)
The required output voltage range of the analog output
is defined by the registers DAC_GAIN (Gain of the out-
put) and DAC_OFFSET (Offset of the output signal).
Both register values can be calculated based on the
angular range and the required output voltage range.
They have a bit length of 16 bit and are two’s-comple-
mented coded.
Output Signal Scaling with DAC_GAIN/
DAC_OFFSET (HAR 2455)
The required output duty cycle of the output is defined
by the registers DAC_GAIN (Gain of the output) and
DAC_OFFSET (Offset of the output signal). Both regis-
ter values can be calculated based on the angular
range and the required output PWM duty cycle range.
They have a bit length of 16 bit and are two’s-comple-
mented coded.
Clamping Levels
The clamping levels DAC_CMPHI and DAC_CMPLO
define the maximum and minimum output voltage of
the analog output. The clamping levels can be used to
define the diagnosis band for the sensor output. Both
registers have a bit length of 16 bit and are two’s-com-
plemented coded. Both clamping levels can have val-
ues between 0% and 100% of VSUP.
3.2.2.3. NVRAM Registers
Customer Setup
The CUST_SETUP register is a 16 bit register that
enables the customer to activate various functions of
the sensor like, customer burn-in mode, diagnosis
modes, functionality mode, customer lock, etc.
The Output Short Detection feature is implemented to
detect a short circuit between two sensor outputs. The
customer can define how the sensor should signalize a
detected short circuit (see table above). The time inter-
val in which the sensor is checking for an output short
and the detectable short circuit current are defined in
Section 4.12. on page 27.
This feature should only be used in case that two sen-
sors are used in one module. In case that the Output
Short Detection is not active both sensors will try to
drive their output voltage and the resulting voltage will
be within the valid signal band.
Note: The Output Short Detection feature is only
active after setting the Customer Lock bit and a
power-on reset.
Table 3–3: Functions in CUST_SETUP register
Bit No.
Function
Description
15
None
Reserved
14:12
Barrel Shifter
Magnetic Range
(see Section Table 3–2: on
page 13)
11:10
None (HAR 2425)
Reserved
PWM frequency
setting (HAR 2455)
PWM frequency selection
(see Table 3–1 on page 11)
9:8
Output Short
Detection
0: Disabled
1: High & low side over current
detection -> OUT = VSUP in error
case
2: High & low side over current
detection -> OUT = GND in error
case
3: Low side over current detection ->
OUT = Tristate in error case
7
Error Band
(HAR 2425)
Error band selection for locked
devices (Customer Lock bit set).
0: High error band (VSUP)
1: Low error band (GND)
The sensor will always go to high
error band as long as it is not
locked (Customer Lock bit not set).
(see Section 4.13. on page 27)
PWM Output
Polarity (OP)
(HAR 2455)
0: PWM period starts with a high
pulse
1: PWM period starts with a low
pulse (effective after LC=1)
6
None
Reserved
5
Functionality
Mode
Supply voltage supervision
0: extended: undervoltage (POR)
3.8 V, overvoltage 9 V
1: normal: undervoltage (POR)
4.2 V, overvoltage 6 V
4
Communication
Mode (POUT)
Communication via output pin
0: Disabled
1: Enabled
3
Overvoltage
Detection
0: Overvoltage detection active
1: Overvoltage detection disabled
2
Diagnosis Latch
Latching of diagnosis bits
0: No latching
1: Latched till next POR (power-on
reset)
1
Diagnosis
(HAR 2425)
0: Diagnosis errors force output to
the selected error band
1: Diagnosis errors do not force
output to the selected error band
Diagnosis
(HAR 2455)
0: Diagnosis errors force the PWM
output into error mode (see
Table 3–5 on page 18)
1: Diagnosis errors do not force
the PWM output into error mode
0
Customer Lock
Bit must be set to 1 to lock the
sensor memory
Table 3–3: Functions in CUST_SETUP register
Bit No.
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com