Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 5 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 5 Page - Micronas

  HAR2425 Datasheet HTML 1Page - Micronas HAR2425 Datasheet HTML 2Page - Micronas HAR2425 Datasheet HTML 3Page - Micronas HAR2425 Datasheet HTML 4Page - Micronas HAR2425 Datasheet HTML 5Page - Micronas HAR2425 Datasheet HTML 6Page - Micronas HAR2425 Datasheet HTML 7Page - Micronas HAR2425 Datasheet HTML 8Page - Micronas HAR2425 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
DATA SHEET
HAR 24xy
Micronas
July 14, 2015; DSH000170_001EN
5
1.2. Features
High-precision, redundant, linear Hall-effect sensor
with
two
independent
12-bit
analog
outputs
(HAR 2425) or with two independent PWM outputs up
to 2 kHz (HAR 2455).
Each die provides:
– 16 setpoints for various output signal shapes
– 16 bit digital signal processing
– Multiple customer-programmable magnetic charac-
teristics in a non-volatile memory with redundancy
and lock function
– Programmable temperature compensation for sensi-
tivity and offset
– Magnetic field measurements in the range up to
200 mT
– Low output voltage drifts over temperature
– Active open-circuit (ground and supply line break
detection) with 5 k
 pull-up and pull-down resistor,
overvoltage and undervoltage detection
– Programmable clamping function
– Digital readout of temperature and magnetic field
information in calibration mode
– Programming and operation of multiple sensors at
the same supply line
– Active detection of output short between two sensors
– High immunity against mechanical stress, ESD, and
EMC
– Operation from TJ=40 °C up to 170 °C
– Operation from 4.5 V up to 5.5 V supply voltage in
specification and functions up to 8.5 V
– Operation with static magnetic fields and dynamic
magnetic fields up to 2 kHz
– Overvoltage and reverse-voltage protection at all pins
– Short-circuit protected push-pull output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com