Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 15 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 15 Page - Micronas

Back Button HAR2425 Datasheet HTML 11Page - Micronas HAR2425 Datasheet HTML 12Page - Micronas HAR2425 Datasheet HTML 13Page - Micronas HAR2425 Datasheet HTML 14Page - Micronas HAR2425 Datasheet HTML 15Page - Micronas HAR2425 Datasheet HTML 16Page - Micronas HAR2425 Datasheet HTML 17Page - Micronas HAR2425 Datasheet HTML 18Page - Micronas HAR2425 Datasheet HTML 19Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
DATA SHEET
HAR 24xy
Micronas
July 14, 2015; DSH000170_001EN
15
3.2.2.4. Setpoint Linearization Accuracy
The set point linearization in general allows to linearize
a given output characteristic by applying the inverse
compensation curve.
For this purpose the compensation curve will be
divided into 16 segments with equal distance. Each
segment is defined by two setpoints, which are stored
in EEPROM. Within the interval, the output is calcu-
lated by linear interpolation according to the position
within the interval.
Fig. 3–7: Linearization - Principle
Fig. 3–8: Linearization - Detail
xnl: non linear distorted input value
yl: linearized value
 remaining error
The constraint of the linearization is that the input char-
acteristic has to be a monotonic function. In addition to
that it is recommended that the input does not have a
saddle point or inflection point, i.e. regions where the
input is nearly constant. This would require a high den-
sity of set points
-4
-3
-2
-1
0
1
2
3
4
x10
4
-4
-3
-2
-1
0
1
2
3
4
x10
4
Linearized
Distorted
Compensation
ysn
ysn+1
xnl
yl
input
xsn+1
xsn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com