Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 10 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 10 Page - Micronas

Back Button HAR2425 Datasheet HTML 6Page - Micronas HAR2425 Datasheet HTML 7Page - Micronas HAR2425 Datasheet HTML 8Page - Micronas HAR2425 Datasheet HTML 9Page - Micronas HAR2425 Datasheet HTML 10Page - Micronas HAR2425 Datasheet HTML 11Page - Micronas HAR2425 Datasheet HTML 12Page - Micronas HAR2425 Datasheet HTML 13Page - Micronas HAR2425 Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
HAR 24xy
DATA SHEET
10
July 14, 2015; DSH000170_001EN
Micronas
3.2.2. Register Definition
The DSP is the major part of each die and performs
the signal conditioning. The parameters for the DSP
are stored in the EEPROM registers. The details are
shown in Fig. 3–5 and Fig. 3–7.
Terminology:
GAIN: Name of the register or register value
Gain: Name of the parameter
The sensors signal path contains two kinds of regis-
ters. Registers that are readout only (RAM) and pro-
grammable registers (EEPROM & NVRAM). The RAM
registers contain measurement data at certain posi-
tions of the signal path and the EEPROM registers
have influence on the sensors signal processing.
3.2.2.1. RAM registers
TEMP_ADJ
The TEMP_ADJ register contains the calibrated tem-
perature sensor information. TEMP_ADJ can be used
for the sensor calibration over temperature. This regis-
ter has a length of 16 bit and it is two’s-complement
coded. Therefore the register value can vary between
32768...32767.
CFX
The CFX register is representing the magnetic field
information directly after A/D conversion, decimation
filter and magnetic range (barrel shifter) selection. The
register content is not temperature compensated. The
temperature variation of this register is specified in
Section 4.14. on page 28 by the parameter RANGEABS.
Note: During application design, it must be taken into
consideration that CFX should never overflow in
the operational range of the specific application
and especially over the full temperature range.
In case of a potential overflow the barrel shifter
should be switched to the next higher range.
This register has a length of 16 bit and it is two’s-com-
plement coded. Therefore the register value can vary
between
32768...32767. CFX register values will
increase for positive magnetic fields (south pole) on
the branded side of the package (positive CFX values)
and it will decrease with negative magnetic field polarity.
MIC_COMP
The MIC_COMP register is representing the magnetic
field information directly after the Micronas tempera-
ture trimming. The register content is temperature
compensated and has a typical gain drift over temper-
ature of 0 ppm/k. Also the offset and its drift over tem-
perature is typically zero. The register has a length of
16 bit and it is two’s-complement coded. Therefore the
register value can vary between
32768...32767.
CUST_COMP
The CUST_COMP register is representing the mag-
netic field information after the customer temperature
trimming. For HAR 2425 it is possible to set a cus-
tomer specific gain of second order over temperature
as well as a customer specific offset of first order over
temperature. The customer gain and offset can be set
with the EEPROM registers TCCO0, TCCO1 for offset
and TCCG0...TCCG2 for gain. Details of these regis-
ters are described on the following pages.
The register has a length of 16 bit and it is two’s-com-
plement coded. Therefore the register value can vary
between
32768...32767.
SETPT_IN
The SETPT_IN register offers the possibility to read
the magnetic field information after the scaling of the
input signal to the input range of the linearization
block. For further details see the description of the
EEPROM
registers
SCALE_GAIN
and
SCALE_OFFSET that are described in the next chap-
ter.
The register has a length of 16 bit and it is two’s-com-
plement coded. Therefor the register value can vary
between
32768...32767.
SETPT
The SETPT register offers the possibility to read the
magnetic field information after the linearization of the
magnetic field information with 16 setpoints. This infor-
mation is also required for the correct setting of the
sensors DAC GAIN and OFFSET in the following
block.
The register has a length of 16 bit and it is two’s-com-
plement coded. Therefore the register value can vary
between
32768...32767.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com