Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 31 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 31 Page - Micronas

Back Button HAR2425 Datasheet HTML 25Page - Micronas HAR2425 Datasheet HTML 26Page - Micronas HAR2425 Datasheet HTML 27Page - Micronas HAR2425 Datasheet HTML 28Page - Micronas HAR2425 Datasheet HTML 29Page - Micronas HAR2425 Datasheet HTML 30Page - Micronas HAR2425 Datasheet HTML 31Page - Micronas HAR2425 Datasheet HTML 32Page - Micronas HAR2425 Datasheet HTML 33Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
DATA SHEET
HAR 24xy
Micronas
July 14, 2015; DSH000170_001EN
31
6. Programming of the Sensor
HAR 24xy features two different customer modes. In
Application Mode the sensor provides an output sig-
nal. In Programming Mode it is possible to change
the register settings of the sensor.
After power-up the sensor is always operating in the
Application Mode. It is switched to the Programming
Mode by a pulse on the sensor output pin.
6.1. Programming Interface
In Programming Mode the sensor is addressed by
modulating a serial telegram on the sensors output
pin. The sensor answers with a modulation of the out-
put voltage.
A logical “0” is coded as no level change within the bit
time. A logical “1” is coded as a level change of typi-
cally 50% of the bit time. After each bit, a level change
occurs (see Fig. 6–1).
The serial telegram is used to transmit the EEPROM
content, error codes and digital values of the angle
information from and to the sensor.
Fig. 6–1: Definition of logical 0 and 1 bit
A description of the communication protocol and the
programming of the sensor is available in a separate
document
(Application:
HAR 2425
Programming
Guide).
logical 0
or
tbittime
tbittime
logical 1
or
tbittime
tbittime
50%
50%
50%
50%
Table 6–1: Telegram parameters (All voltages are referenced to GND1=GND2=GNDePad = 0 V)
Symbol
Parameter
Pin
Limit Values
Unit Test Conditions
Min.
Typ.
Max.
VOUTL
Voltage for Output Low Level
during Programming through
Sensor Output Pin
OUTx
0
0
0.2*VSUP
1
V
Vfor VSUP = 5 V
VOUTH
Voltage for Output High Level
during Programming through
Sensor Output Pin
OUTx
0.8*VSUP
4
VSUP
5.0
V
Vfor VSUP = 5 V
VSUPProgram VSUP Voltage for EEPROM
programming (after PROG
and ERASE)
VSUPx
5.7
6.0
6.5
V
Supply voltage for
bidirectional com-
munication via out-
put pin.
tbittime
Biphase Bit Time
OUTx
900
1000
1100
µs
Slew rate
OUTx
2
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com