Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 30 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 30 Page - Micronas

Back Button HAR2425 Datasheet HTML 25Page - Micronas HAR2425 Datasheet HTML 26Page - Micronas HAR2425 Datasheet HTML 27Page - Micronas HAR2425 Datasheet HTML 28Page - Micronas HAR2425 Datasheet HTML 29Page - Micronas HAR2425 Datasheet HTML 30Page - Micronas HAR2425 Datasheet HTML 31Page - Micronas HAR2425 Datasheet HTML 32Page - Micronas HAR2425 Datasheet HTML 33Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
HAR 24xy
DATA SHEET
30
July 14, 2015; DSH000170_001EN
Micronas
5. Application Notes
5.1. Application Circuit
For EMC protection, it is recommended to connect one
ceramic capacitor, e.g. 47 nF, between ground and the
supply voltage, respectively the output voltage pin.
Fig. 5–1: Recommended application circuit
(analog output)
Fig. 5–2: Recommended application circuit
(PWM output)
If the two dies are operated in parallel to the same sup-
ply and ground line, they can be programmed individu-
ally as the communication with the sensors is done via
their output pins.
5.2. Measurement of a PWM Output Signal
of HAR 2455
In case of the PWM output, the magnetic field informa-
tion is coded in the duty cycle of the PWM signal. The
duty cycle is defined as the ratio between the high time
“s” and the period “d” of the PWM signal (see Fig. 5–3).
Note: The PWM signal is updated with the rising edge.
Hence, for signal evaluation, the trigger-level
must be the rising edge of the PWM signal.
Fig. 5–3: Definition of PWM signal
5.3. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient
temperature TA).
The maximum ambient temperature is a function of
power dissipation, maximum allowable die tempera-
ture,
and
junction-to-ambient
thermal
resistance
(Rthja). With a maximum of 5.5V operating supply volt-
age the power dissipation P is 0.097 W per die, for a
total of 0.194 W. The junction to ambient thermal resis-
tance Rthja is specified in Section 4.9. on page 24
The difference between junction and ambient air tem-
perature is expressed by the following equation:
5.4. Pad Size Layout
Fig. 5–4: Recommended pad size dimensions in mm
OUT1
GND1 / GNDePad
47 nF
VSUP1
47 nF
HAR 2425
OUT2
GND2
47 nF
VSUP2
47 nF
OUT1
GND1 / GNDePad
180 pF
VSUP1
47 nF
HAR 2455
OUT2
GND2
180 pF
VSUP2
47 nF
Update
Out
time
VHigh
VLow
d
s
T
J
T
A
T
+
=
T
PR
thja
16.5°C
==
0.4 mm
4.5 mm
1.35 mm
7.2 mm
0.65 mm
4.3 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com