Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 4 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 4 Page - Micronas

  HAR2425 Datasheet HTML 1Page - Micronas HAR2425 Datasheet HTML 2Page - Micronas HAR2425 Datasheet HTML 3Page - Micronas HAR2425 Datasheet HTML 4Page - Micronas HAR2425 Datasheet HTML 5Page - Micronas HAR2425 Datasheet HTML 6Page - Micronas HAR2425 Datasheet HTML 7Page - Micronas HAR2425 Datasheet HTML 8Page - Micronas HAR2425 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
HAR 24xy
DATA SHEET
4
July 14, 2015; DSH000170_001EN
Micronas
High-Precision Dual-Die Programmable Linear
Hall-Effect Sensor Family
Release Note: Revision bars indicate significant
changes to the previous edition.
1. Introduction
HAR 24xy is a dual-die programmable linear Hall-
effect sensor family. It provides redundancy as it con-
sists of two independent dies stacked in a single pack-
age, each bonded to a separate side of the leadframe.
The stacked-die architecture ensures that both dies
occupy the same magnetic field position, thus generat-
ing synchronous measurement outputs.
The integrated dies are two HAL 24xy, universal mag-
netic field sensors with linear analog or PWM outputs
based on the Hall effect. For both dies major charac-
teristics like magnetic field range, sensitivity, output
quiescent voltage (output voltage at B=0 mT), and out-
put voltage range are programmable in non-volatile
memories. The output characteristics are ratiometric,
which means that the output voltages are proportional
to the magnetic flux and the supply voltage. Addition-
ally, both dies offer wire-break detection.
Each die of the HAR 24xy offers 16 setpoints to
change the output characteristics from linear to arbi-
trary or vice versa. They feature temperature-compen-
sated Hall plates with spinning current offset compen-
sation, A/D converters, digital signal processing, D/A
converters with output driver (HAR 2425), programma-
ble PWM output modules (HAR 2455), EEPROMs with
redundancy and lock function for calibration data,
serial interfaces for programming the EEPROMs, and
protection devices at all pins. The internal digital signal
processing prevents the signal being influenced by
analog offsets, temperature shifts, and mechanical
stress.
The easy programmability allows individual adjustment
of each HAR 24xy during the final manufacturing pro-
cess by means of a 2-point calibration, by adjusting the
output signals directly to the input signal (like mechani-
cal angle, distance, or current). With this calibration
procedure, the tolerances of the sensor, the magnet-,
and the mechanical positioning can be compensated
in the final assembly.
In addition, the temperature compensation of the Hall
ICs can be fit to all common magnetic materials by
programming first- and second-order temperature
coefficients of the Hall sensor sensitivity.
It is also possible to compensate offset drift over tem-
perature generated by the customer application with a
first-order temperature coefficient for the sensors off-
set. This enables operation over the full temperature
range with a high accuracy.
The calculation of the individual sensors characteris-
tics and the programming of the corresponding
EEPROMs can easily be done with a PC and the appli-
cation kit from Micronas.
The sensors are designed for stringent industrial
and automotive applications and are AECQ100
qualified. They operate with typically 5 V supply volt-
age in the junction temperature range from
40 °C
up to 170 °C. The HAL 24xy is available in the ultra-
thin shrink small outline 14 leads package TSSOP14-
1.
1.1. Major Applications
Thanks to its redundancy capability, HAR 24xy can
address safety-critical applications. The sensors’ ver-
satile programming characteristics and low tempera-
ture drifts make the HAR 24xy the optimal system
solution for:
– Angular measurements: throttle position, pedal
position, steering torque and EGR applications;
– Distance and linear movement measurements in
safety-critical applications
– Magnetic field and current measurement with spe-
cific resolution over different ranges, by appropriate
sensitivity programming for each die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com