Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 6 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 6 Page - Micronas

Back Button HAR2425 Datasheet HTML 2Page - Micronas HAR2425 Datasheet HTML 3Page - Micronas HAR2425 Datasheet HTML 4Page - Micronas HAR2425 Datasheet HTML 5Page - Micronas HAR2425 Datasheet HTML 6Page - Micronas HAR2425 Datasheet HTML 7Page - Micronas HAR2425 Datasheet HTML 8Page - Micronas HAR2425 Datasheet HTML 9Page - Micronas HAR2425 Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
HAR 24xy
DATA SHEET
6
July 14, 2015; DSH000170_001EN
Micronas
2. Ordering Information
A Micronas device is available in a variety of delivery
forms. They are distinguished by a specific ordering
code:
Fig. 2–1: Ordering Code Principle
For a detailed information, please refer to the bro-
chure: “Hall Sensors: Ordering Codes, Packaging,
Handling”.
2.1. Device-Specific Ordering Codes
The HAR 24xy is available in the following package
and temperature variants.
The relationship between ambient temperature (TA)
and
junction
temperature
(TJ) is explained in
Section 5.3. on page 30.
For available variants for Configuration (C), Packaging
(P), Quantity (Q), and Special Procedure (SP) please
contact Micronas.
XXX NNNN PA-T-C-P-Q-SP
Further Code Elements
Temperature Range
Package
Product Type
Product Group
Table 2–1: Available packages
Package Code (PA)
Package Type
GP
TSSOP14-1
Table 2–2: Available temperature ranges
Temperature Code (T)
Temperature Range
ATJ = 40 °C to +170 °C
Table 2–3: Available ordering codes and
corresponding package marking
Ordering Code
Package Marking
HAR2425GP-A-[C-P-Q-SP]
HAR2425A
HAR2455GP-A-[C-P-Q-SP]
HAR2455A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com