Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 16 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 16 Page - Micronas

Back Button HAR2425 Datasheet HTML 12Page - Micronas HAR2425 Datasheet HTML 13Page - Micronas HAR2425 Datasheet HTML 14Page - Micronas HAR2425 Datasheet HTML 15Page - Micronas HAR2425 Datasheet HTML 16Page - Micronas HAR2425 Datasheet HTML 17Page - Micronas HAR2425 Datasheet HTML 18Page - Micronas HAR2425 Datasheet HTML 19Page - Micronas HAR2425 Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
HAR 24xy
DATA SHEET
16
July 14, 2015; DSH000170_001EN
Micronas
3.3. On-Board Diagnostic Features
The HAR 24xy is made of two completely separated
dies, each featuring two groups of diagnostic functions.
The first group contains basic functions that are always
active. The second group can be activated by the cus-
tomer and contains supervision and self-tests related
to the signal path and sensor memory.
Table 3–4 describes the HAR 24xy overall behavior in
case of wiring faults.
Diagnostic Features that are Always Active:
– Wire break detection for supply and ground line
– Undervoltage detection
– Thermal supervision of output stage: overcurrent,
short circuit, etc. (HAR 2455)
Diagnostic Features that can be Activated by Cus-
tomer:
– Overvoltage detection
– EEPROM self-test at power-on
– Continuous ROM parity check
– Continuous state machine self-test
– Adder overflow
Failure Indication for HAR 24xy
Each die indicates a fault immediately by switching the
output signal to the selected error band in case that
the diagnostic mode is activated by the customer. The
customer can select if the output goes to the upper or
lower error band by setting bit number 7 in the
CUST_SETUP register (Table 3–3 on page 14). Fur-
ther details can be found in Section 4.13. on page 27.
The sensor switches the output to tristate if an over
temperature is detected by the thermal supervision.
The sensor switches the output to ground in case of a
VSUP wire break.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com