Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 3 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 3 Page - Micronas

  HAR2425 Datasheet HTML 1Page - Micronas HAR2425 Datasheet HTML 2Page - Micronas HAR2425 Datasheet HTML 3Page - Micronas HAR2425 Datasheet HTML 4Page - Micronas HAR2425 Datasheet HTML 5Page - Micronas HAR2425 Datasheet HTML 6Page - Micronas HAR2425 Datasheet HTML 7Page - Micronas HAR2425 Datasheet HTML 8Page - Micronas HAR2425 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Contents
Page
Section
Title
Micronas
July 14, 2015; DSH000170_001EN
3
DATA SHEET
HAR 24xy
4
1.
Introduction
4
1.1.
Major Applications
51.2.
Features
6
2.
Ordering Information
6
2.1.
Device-Specific Ordering Codes
7
3.
Functional Description
7
3.1.
General Function
9
3.2.
Signal Path and Register Definition
9
3.2.1.
Signal Path
10
3.2.2.
Register Definition
10
3.2.2.1.
RAM registers
12
3.2.2.2.
EEPROM Registers
14
3.2.2.3.
NVRAM Registers
15
3.2.2.4.
Setpoint Linearization Accuracy
16
3.3.
On-Board Diagnostic Features
18
3.4.
Calibration of the Sensor
19
4.
Specifications
19
4.1.
Outline Dimensions
21
4.2.
Soldering, Welding and Assembly
21
4.3.
Pin Connections and Short Descriptions
21
4.4.
Dimensions of Sensitive Area
21
4.5.
Package Parameter and Position of Sensitive Areas
22
4.6.
Absolute Maximum Ratings
22
4.7.
Storage and Shelf Life
23
4.8.
Recommended Operating Conditions
24
4.9.
Characteristics
26
4.10.
Open-Circuit Detection
26
4.11.
Overvoltage and Undervoltage Detection
27
4.12.
Output Short Detection Parameter
27
4.13.
Output Voltage in Case of Error Detection
28
4.14.
Magnetic Characteristics
29
4.14.1.
Definition of Sensitivity Error ES
30
5.
Application Notes
30
5.1.
Application Circuit
30
5.2.
Measurement of a PWM Output Signal
of HAR 2455
30
5.3.
Ambient Temperature
30
5.4.
Pad Size Layout
31
6.
Programming of the Sensor
31
6.1.
Programming Interface
32
6.2.
Programming Environment and Tools
32
6.3.
Programming Information
33
7.
Data Sheet History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com