Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 18 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 18 Page - Micronas

Back Button HAR2425 Datasheet HTML 14Page - Micronas HAR2425 Datasheet HTML 15Page - Micronas HAR2425 Datasheet HTML 16Page - Micronas HAR2425 Datasheet HTML 17Page - Micronas HAR2425 Datasheet HTML 18Page - Micronas HAR2425 Datasheet HTML 19Page - Micronas HAR2425 Datasheet HTML 20Page - Micronas HAR2425 Datasheet HTML 21Page - Micronas HAR2425 Datasheet HTML 22Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
HAR 24xy
DATA SHEET
18
July 14, 2015; DSH000170_001EN
Micronas
Failure Indication for HAR 2455
The HAR 2455 indicates a failure by changing the
PWM frequency. The different errors are then coded in
different duty-cycles.
Note: In case of an error the sensor changes the
selected PWM frequency. Example:
During normal operation the PWM frequency is
1 kHz, in case of an error 500 Hz.
3.4. Calibration of the Sensor
For calibration in the system environment, the applica-
tion kit from Micronas is recommended. It contains the
hardware for the generation of the serial telegram for
programming and the corresponding LabView based
programming environment for the input of the register
values (see Section 6.2. on page 32).
For the individual calibration of each sensor in the cus-
tomer application, a two point calibration is recom-
mended.
A detailed description of the calibration software exam-
ple provided by Micronas, calibration algorithm, pro-
gramming sequences and register value calculation
can be found in the Application Note “HAL 24xy Pro-
gramming Guide”.
Table 3–5: Failure indication for HAR 2455
Failure Mode
Frequency
Duty-Cycle
EEPROM and state
machine self-test
50%
95%
Adder overflow
50%
85%
Overvoltage
50%
75%
Undervoltage
50%
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com