Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 29 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 29 Page - Micronas

Back Button HAR2425 Datasheet HTML 25Page - Micronas HAR2425 Datasheet HTML 26Page - Micronas HAR2425 Datasheet HTML 27Page - Micronas HAR2425 Datasheet HTML 28Page - Micronas HAR2425 Datasheet HTML 29Page - Micronas HAR2425 Datasheet HTML 30Page - Micronas HAR2425 Datasheet HTML 31Page - Micronas HAR2425 Datasheet HTML 32Page - Micronas HAR2425 Datasheet HTML 33Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
DATA SHEET
HAR 24xy
Micronas
July 14, 2015; DSH000170_001EN
29
4.14.1. Definition of Sensitivity Error ES
ES is the maximum of the absolute value of the quo-
tient of the normalized measured value1) over the nor-
malized ideal linear2) value minus 1:
In the below example, the maximum error occurs at
10 °C:
Fig. 4–6: ES definition example
1) normalized to achieve a least-squares method
straight line that has a value of 1 at 25 °C
2) normalized to achieve a value of 1 at 25 °C
ES
max abs
meas
ideal
------------
1
–




Tmin, Tmax

=
ES
1.001
0.993
-------------
1
–
0.8%
==
50
75
100
125
150
175
25
0
–25
–50
0.98
0.99
1.00
1.01
1.02
1.03
-10
0.992
1.001
temperature [°C]
ideal 200 ppm/k
least-squares method straight line
measurement example of real
sensor, normalized to achieve a
value of 1 of its least-squares
of normalized measured data
method straight line at 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com