Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAR2425 Datasheet(PDF) 19 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 19 Page - Micronas

Back Button HAR2425 Datasheet HTML 15Page - Micronas HAR2425 Datasheet HTML 16Page - Micronas HAR2425 Datasheet HTML 17Page - Micronas HAR2425 Datasheet HTML 18Page - Micronas HAR2425 Datasheet HTML 19Page - Micronas HAR2425 Datasheet HTML 20Page - Micronas HAR2425 Datasheet HTML 21Page - Micronas HAR2425 Datasheet HTML 22Page - Micronas HAR2425 Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
DATA SHEET
HAR 24xy
Micronas
July 14, 2015; DSH000170_001EN
19
4. Specifications
4.1. Outline Dimensions
Fig. 4–1:
TSSOP14-1: Plastic Thin Shrink Small Outline Package; 14 pins; 0.9 mm thickness
Weight approximately 0.055 g
© Copyright 2013 Micronas GmbH, all rights reserved
4.9
5.1
13-11-12
ISSUE DATE
YY-MM-DD
ISSUE
F
MO-153
ITEM NO.
JEDEC STANDARD
1.1
max.
mm
UNIT
A
0.05
0.15
0.85
0.95
A2
A1
8°
max.
0.2
0.19
0.30
b
bbb
0.1
0.09
0.20
c
CO
D
DRAWING-NO.
06903.0001.4
ZG001098_Ver.02
ZG-NO.
L
Θ
0.5
0.7
6.4
E
0.65
4.3
4.5
E1
e
0
scale
5
10 mm
D
b*
bbb
D1
17
14
8
L
e
PIN 1 INDEX
DETAIL X
X
C
CO
SEATING PLANE
C
x1
x2
Bd1
center of sensitive
area
Bd2
center of sensitive
area
"D" and "E1" are reference data and do not include mold flash or protrusion.
Mold flash or protrusion shall not exceed 150 µm per side.
* does not include dambar protrusion of 0.1 max. per side
x1, x2, y1, y2, z1, z2, Bd1, Bd2=these dimensions are different for each
sensor type and are specified in the data sheet
3.5
3.7
D1
2.9
3.1
E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com