Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 17Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 19Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
16
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
MODE E RATE GENERATOR WITH LEVEL
GATING
Mode E is similar to Mode D in that the counter will
count repetitively after being ARMed and as long as
the selected Gate line is asserted. As shown in
Figure 14, this allows gating of the pulse train or
square wave on and off from an external source via
the gate line.
SOURCE
WR
DATA
ARM COMMAND
GATE
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
COUNTER MODE E WAVEFORMS
L-1
L-2
L-3
K+2
K+1
K
K-1
...
2
1
L
L-1
Figure 14 - CTS9513 Counter Mode E Representative Waveforms
SOURCE
WR
DATA
ARM COMMAND
GATE
L-1
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
COUNTER MODE F WAVEFORMS
L
1
2
...
L-3
L-2
L-1
L-1
L-2
L-3
Figure 15 - CTS9513 Counter Mode F Representative Waveforms
MODE F NON-RETRIGGERABLE ONE
SHOT
Mode F is similar to Mode C with the exception that
the counter may be retriggered without receipt of a
new ARM Command. As shown in Figure 15, Once
the counter has been ARMed, and a valid Gate edge
has been received, the counter will count once to TC
and reload the counter from the Load register. It will
remain inactive until receipt of another Gate edge.
While
counting,
subsequent
gate
edges
are
disregarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com