Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 23Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 24Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 25Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 26Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 27Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
25
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
NOTES
1.
Any Input transition that occurs before this minimum setup
requirement will be reflected in the contents read from the
status register
2.
Any Input transition that occurs before this minimum setup
requirement will act on the counter before the execution of the
operation initiated by the write and the counter may be off by
one count
3.
Any input transition that occurs after this minimum hold time is
guaranteed to not influence the contents read from the status
register on the current read operation
4.
Any input transition that occurs after this minimum hold time is
guaranteed to be seen by the counter as occurring after the
action initiated by the write operation and the counter may be
off by one count.
5.
This parameter applies to cases where the write operation
causes a change in the output bit.
6.
The enabled count source is one of F1-F5, TCN-1 SRC1-SRC5
or GATE1-GATE 5, as selected in the applicable Counter
Mode register.
The timing diagram assumes the counter
counts on rising source edges. The timing specifications are
the same for falling-edge counting.
7.
This parameter applies to edge gating (CM15-CM13=110 or
111) and gating when both CM7=1 and CM15-CM13?000.
This parameter represents the minimum GATE pulse width
needed to ensure that the pulse initiates counting or counter
reloading.
8.
This parameter applies to both edge and level gating (CM15-
CM13=001 through 111 and CM7 =0).
This parameter
represents the minimum setup or hold times to ensure that the
Gate input is seen at the intended level on the active source
edge and the counter may be off by one count.
9.
This parameter assumes that the GATENA input is unused
(16-bit bus mode) or is tied high. In cases where the GATENA
input is used, this timing specification must be met by both the
GATE and GATENA inputs.
10.
Signals F1-F5 cannot be directly monitored by the user. The
phase difference between these signals will manifest itself by
causing counters using two different F signals to count at
different times on nominally simultaneous transitions in the F
signals. F1=X2.
11.
This timing specification assumes that CS is active whenever
RD or WR are active. CS may be held active indefinitely.
12.
This parameter assumes X2 is driven from an external gate
with a square wave.
13.
This parameter assumes that the write operation is to the
command register.
14.
This timing specification applies to single-action commands
only (e.g. LOAD, ARM, SAVE, etc.)
For double action
commands such as LOAD AND ARM and DISARM AND
SAVE, TWHEH minimum = 700ns.
15.
In short data write mode, TWHRL and TWHWL minimum =
1000 ns.
16.
This parameter applies to the hardware retrigger/save modes
N, O, Q, R, and X (CM7 = 1 and CM15-CM13<>000). This
parameter ensures that the gating pulse initiates a hardware
retrigger/save operation.
17.
This parameter applies to hardware load source select modes
S and V (CM7 = 1 and CM15-CM13=000).
This parameter
represents the minimum hold time to ensure that the GATE
input selects the correct load source on the active source
edge.
Param
Description
Figure
Min
Typ
Max
Tavrl
C/D Valid to Read Low
2
15
Tavwh
C/D Valid to Write High
2
30
Tdvwh
Data In Valid to Write High
2
40
Tehrl
Count Source High to Read (setup time) Note 2,7
2
100
Tehwh
Count Source High to Write High (setup time) Note 3,7
2
50
Tgvwh
Gate valid to Write High Note 3,10
2
0
Trhax
Read High to C/D don't Care
2
0
Trheh
Read High to Count Source High Note 4,7
2
0
Trhqx
Read High to Data Out Invalid
2
20
Trhqz
Read High to Data Out Hi-Z (Bus Release Time)
2
40
Trhrl
Read High to Read Low (Read Recovery Time)
2
500
Trhsh
Read High to CS High Note 12
2
0
Trhwl
Read High to Write Low (Read Recovery Time)
2
500
Trlqv
Read Low to Data Out Valid
2
50
Trlqx
Read Low to Data Bus Driven (Bus Drive Time)
2
20
Trlrh
Read Low to Read High (Read Pulse Duration) Note 12
2
80
Tslrl
CS Low to Read Low Note 12
2
10
Tslwh
CS Low to Write High Note 12
2
80
Twhax
Write High to C/D Don't Care
2
0
Twhdx
Write High to Data In Don't Care
2
0
Twheh
Write High to Count Source High Note 5, 7, 14, 15
2
200
Twhgv
Write High to Gate valid Note 5, 10, 14
2
200
Twhrl
Write High to Read Low (Write Recovery Time) Note 16
2
500
Twhsh
Write High to CS High Note 12
2
0
Twhwl
Write High to Write Low (Write Recovery Time) Note 16
2
500
Twhyv
Write High to Out Valid Note 6, 14
2
300
Twlwh
Write Low to Write High (Write Pulse Duration) Note 12
2
75
Table 14 - Bus Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com