Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 17Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 19Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
18
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
MODE I HARDWARE TRIGGERED DELAYED
PULSE STROBE
Mode I is similar to Mode G with the exception that
the counter is active only after receipt of an ARM
command and a valid Gate Edge. As illustrated in
Figure 18, the counter will count to TC, reload from
the Hold Register, count to TC then disarm itself.
Once a valid Gate edge has been received the gate
line has no further action on the counter.
SOURCE
WR
DATA
ARM COMMAND
GATE
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
L-1
L
1
2
...
H-3
H-2
H-1
H
1
2
...
COUNTER MODE I WAVEFORMS
L-2
L-1
Figure 18 - CTS9513 Counter Mode I Representative Waveforms
SOURCE
WR
DATA
ARM COMMAND
GATE
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
...
L-2
L-1
COUNTER MODE J WAVEFORMS
1
H
H-1
...
1
L
L-1
L-2
...
1
H
Figure 19 - CTS9513 Counter Mode J Representative Waveforms
MODE J VARIABLE DUTY CYCLE RATE
GENERATOR WITH NO HARDWARE
GATING
This mode is used primarily for generation of variable
duty cycle waveforms. Once armed the counter will
count repeatedly until disarmed. The counter will
count to the first TC, reload automatically from the
Hold
register,
count
to
the
next
TC,
reload
automatically from the Load register and repeat the
cycle. If the toggle output mode is selected, the
output will have an on(or off) time equal to the load
count and off(on) time equal to the hold count. As
shown in Figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com