Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
8
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
Data Pointer Sequencing (Bit MM14)
When cleared, this bit enables automatic sequencing
of the data pointer as defined by the data pointer
commands. When set, the data pointer contents may
only be changed by command.
Scaling (Bit MM15)
This bit determines whether the internal frequency
prescaler operates as a BCD or Binary Divider.
Figure 6 illustrates the internal 16 bit prescaler and its
outputs.
COUNTER REGISTERS
Load Register
The load register is a read/write counter register used
to store the counter initial value. The load register
value can be transferred into the counter each time
the counter reaches a “terminal count.” A “terminal
count” is defined as that period of time the counter
value would have been zero if an external value had
not been transferred into the counter. In all operating
modes the value in either the load or hold register is
transferred into the counter when the counter
reaches terminal count.
Hold Register
The hold register is a read /write dual purpose
register. In some operating modes the hold register
may be used to store counter instantaneous values
on command without disturbing the counter action for
readout by the host. Other operating modes allow the
hold register to be used as storage for counter values
in a fashion similar to the Load register. The counter
may be loaded from the Hold register at terminal
count, or alternately loaded from the Load and Hold
register at terminal count.
Alarm Register
Counters 1 and 2 contain an additional 16 bit Alarm
register and corresponding 16 bit comparator. When
the value in the counter matches the value stored in
the Alarm register the output pin for the counter goes
true. The output remains true as long as the counter
value matches the Alarm register value. The output
may be programmed for active high or active low by
the counter mode register.
COUNTER MODE REGISTER
Each counter group contains a mode control register
which controls the counter behavior, gating and
output active states and polarities and counter
source. The counter mode register is initialized at
power-up to all zeroes. This translates to an initial
counter mode of:
1
Output Low impedance to Ground
2
Count Down
3
Count Binary
4
Count Once
5
Load Register Selected
C7 C6 C5 C4 C3 C2 C1 C0
Command Register Bit
0
0
0
E2 E1 G4 G2 G1
Load Data Pointer Commands
G1-4 Group Pointer
E1-2 Element Pointer
0
0
0
0
0
0
0
0
Reserved
0
0
0
0
0
0
0
1
Counter 1 Mode Register
0
0
0
0
0
0
1
0
Counter 2 Mode Register
0
0
0
0
0
0
1
1
Counter 3 Mode Register
0
0
0
0
0
1
0
0
Counter 4 Mode Register
0
0
0
0
0
1
0
1
Counter 5 Mode Register
0
0
0
0
0
1
1
0
Reserved
0
0
0
0
0
1
1
1
Alarm Register 1 / Control Cycle
0
0
0
0
1
0
0
0
Reserved
0
0
0
0
1
0
0
1
Counter 1 Load Register
0
0
0
0
1
0
1
0
Counter 2 Load Register
0
0
0
0
1
0
1
1
Counter 3 Load Register
0
0
0
0
1
1
0
0
Counter 4 Load Register
0
0
0
0
1
1
0
1
Counter 5 Load Register
0
0
0
0
1
1
1
0
Reserved
0
0
0
0
1
1
1
1
Alarm Register 2 / Control Cycle
0
0
0
1
0
0
0
0
Reserved
0
0
0
1
0
0
0
1
Counter 1 Hold Register
0
0
0
1
0
0
1
0
Counter 2 Hold Register
0
0
0
1
0
0
1
1
Counter 3 Hold Register
0
0
0
1
0
1
0
0
Counter 4 Hold Register
0
0
0
1
0
1
0
1
Counter 5 Hold Register
0
0
0
1
0
1
1
0
Reserved
0
0
0
1
0
1
1
1
Master Mode Register / Control
Cycle
0
0
0
1
1
0
0
0
Reserved
0
0
0
1
1
0
0
1
Hold Register Cycle
0
0
0
1
1
0
1
0
Hold Register Cycle
0
0
0
1
1
0
1
1
Hold Register Cycle
0
0
0
1
1
1
0
0
Hold Register Cycle
0
0
0
1
1
1
0
1
Hold Register Cycle
0
0
0
1
1
1
1
0
Reserved
0
0
0
1
1
1
1
1
Status Register
Table 4 - CTS9513 Data Pointer Commands
6
No Retriggering
7
F1 source selected
8
Positive-true input polarity
9
No Gating
The Counter Mode Register must be loaded while the
counter is disarmed.. Table 10 summarizes the
Counter Mode Register bit assignments.
Output Control (Bits CM0-2)
The counter output may be configured to be disabled,
programmed to follow the counter terminal count or
to toggle its state at each terminal count. The output
logic for each counter is shown in Figure 8.
The output may be disabled by either placing it in a
high impedance state or in a low impedance state to
ground. The outputs may also be hardware inhibited
with the line.
In the Terminal count mode, the output may be
programmed to output an active high or active low
pulse which is equal to one count source clock
period.
In the output toggle mode, the output changes state
whenever the counter reaches a terminal count. The
output state may be initialized with the SET and
CLEAR counter commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com