Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 17Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 19Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 23Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
20
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
MODE N SOFTWARE TRIGGERED STROBE
WITH
LEVEL GATING AND HARDWARE
RETRIGGERING
In Mode N, once ARMed, the counter is active only
as long at the selected Gate line is asserted.
Counting begins only after the gate line is asserted
after the counter is ARMed. If the Gate line remains
asserted the counter will count to TC, reload
automatically from the load register and disarm itself
until receipt of a new ARM command. If the gate is
deasserted prior to the counter reaching TC the
counter will halt. When the Gate line is reasserted on
a halted counter, the count value is transferred to the
Hold register and the next valid count source edge
will cause the counter to reload from the Load
register
and
begin
counting
again,
effectively
retriggering the counter as shown in Figure 22.
One application of this mode is to measure the delay
between two successive gate edges by reading the
remainder count value from the hold register.
SOURCE
WR
DATA
ARM COMMAND
GATE
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
L-1
L-2
...
N+1
N
L
L-1
L-2
...
1
L
L-1
COUNTER MODE N WAVEFROMS
Figure 22 - CTS9513 Counter Mode N Representative Waveforms
SOURCE
WR
DATA
ARM COMMAND
GATE
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
L-1
L-2
...
N+1
N
L
L-1
L-2
...
1
L
L-1
COUNTER MODE O WAVEFORMS
Figure 23 - CTS9513 Counter Mode O Representative Waveforms
MODE O SOFTWARE TRIGGERED STROBE
WITH
EDGE GATING AND HARDWARE
RETRIGGERING
Mode O is similar to Mode N in that the counter must
be ARMed and a valid Gate edge must be received
to start the counter. Unlike most other modes,
however, each time a valid gate edge is received
prior to the counter reaching TC will cause the
counter to be retriggered by reloading the counter
from the load register on the first valid source edge
following a valid gate edge. If the counter is allowed
to reach TC is automatically reloads from the Load
register and disarms itself.
The counter is insensitive to gate edges while
disarmed and while counting. The counter is sensitive
only to a valid gate edge while counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com