Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
6
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
Figure 4 - CTS9513 Counter Block Diagram
DISARM Command
The DISARM command halts and disables any
further counting regardless of any hardware gating or
triggering. While DISARMed a counter may be
reloaded, SAVEd or incremented or decremented
using the STEP Command
LOAD Command
The LOAD command is used to load the counter with
the value stored in either the associated Load or Hold
register. It may also serve as an automatic retrigger
of the counter once the counter is loaded.
SAVE Command
The SAVE command is used to save the contents of
the counter while counting continues. This allows the
counter value to be read without interfering with the
counter. Subsequent SAVE commands will overwrite
any previous contents of the Hold register.
CLEAR Command
The CLEAR command is used to reset the counter
output toggle to initialize it to a low state. This
command is only active if the output toggle is
programmed. It is inactive if a Terminal Count output
is specified.
SET Command
The SET command is used to set the counter output
toggle to initialize it to a high state. This command is
only active if the output toggle is programmed. It is
inactive if a Terminal Count output is specified.
STEP Command
The STEP Command increments of decrements the
selected counter by one depending on the operating
mode.
Master Mode Commands
A number of commands directly affect the Master
Mode Register without having to write to it directly.
These commands affect primarily the modes of the
data path, data pointer sequencing, enabling the
divided FOUT output clocks and clearing of latched
interrupt outputs from the counters.
Table 6
summarizes these commands.
REGISTER DEFINITIONS
STATUS REGISTER
The 16 bit Status Register indicates the
1
Status of the internal word pointer
2
Status of the counter outputs
3
Status of the counter interrupt outputs
When reporting the status of the counter output, the
status bit reflects the exact state of the output pin,
regardless of how the output pin state or toggle is
programmed.
Table 3 - CTS9513 Bus Control Line States
CS
RD
WR
C/D
Dx
1
X
X
X
High Impedance
0
0
1
0
Read Data
0
0
1
1
Read Command
0
1
0
0
Write Data
0
1
0
1
Write Command
0
0
0
X
Illegal
COUNTER 1
COUNTER 2
COUNTER 3
COUNTER 4
COUNTER 5
SOURCE 1-5
GATE
1-5
INT
1
OUT
1
INT
2
OUT
2
INT
3
OUT
3
INT
4
OUT
4
INT
5
OUT
5
OSC
MUX
FOUT
CLK
IN
REGISTER
16 BIT MASTER
MODE REGISTER
BUFFER
D0-D7
D8-D15
BUS
MUX
16 BIT COMMAND
REGISTER
BUS CONTROL
CS
RD
WR
8 BIT DIVIDER
16 BIT STATUS
24
BIT
PRESCALER
16 bit
C/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com