Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 17Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 19Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 23Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 24Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
21
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
MODE Q RATE GENERATOR WITH
SYNCHRONIZATION
Mode Q provides a continuous rate generator which
may be externally gated or synchronized to an
external event via the Gate input. As shown in Figure
24, once an ARM command is received, the counter
will continuously count to TC, reload the Load
register and repeat as long as the Gate line is
asserted. While the Gate line is deasserted the
counter is inhibited. On the active going edge of the
gate signal the counter is reloaded from the Load
register, resetting the counter and resume counting
on the second valid source edge following the Gate
edge.
SOURCE
WR
DATA
ARM COMMAND
GATE
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
L-1
L-2
...
N+1
N
L
L-1
...
1
L
L-1
L-2
COUNTER MODE Q WAVEFORMS
Figure 24 - CTS9513 Counter Mode Q Representative Waveforms
SOURCE
WR
DATA
ARM COMMAND
GATE
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
L-1
L-2
...
COUNTER MODE R WAVEFORMS
L
1
N+2
N+1
N
L
L-1
..
L-2
L-1
Figure 25 - CTS9513 Counter Mode R Representative Waveforms
MODE R RETRIGGERABLE ONE-SHOT
Mode R, as shown in
Figure 25, begins counting
only after receipt of an ARM command and a valid
active Gate edge. The counter will count once to TC
and stop. The counter will remain inactive until
receipt of a subsequent valid Gate edge.
If a valid Gate Edge is received prior to the counter
reaching TC the counter value will be saved in the
Hold register and the counter reloaded from the Load
register, retriggering or resetting the counter. The
counter in insensitive to the Gate level and gate
actions do no inhibit the counter as in Mode Q.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com