Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 23Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 24Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 25Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 26Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 27Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
26
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
Param
Description
Fig Min
Typ
Max
Unit Note
Tchch
X2 Period
1
50
nS
Tchcl
X2High Pulse Width
1
25
nS
Tclch
X2 Low Pulse Width
1
25
nS
Teheh
Count Source High to Count Source High (max count freq)
1
50
nS
Tehel
Count Source Pulse Duration - High
1
25
nS
Tehfv
Count Source high to FOUT Valid
1
200 nS
Tehgv
Level Gating Hold Time (Note 1)
1
20
nS
Tehyv
Count Source High to Out Valid
1
150 nS
Teleh
Count Source Pulse Duration - Low
1
25
nS
Tfn
Prescaler Clock Skew
1
40
nS
Tgveh
Level Gating Setup Time (Note 1)
1
40
nS
Tgvgv
Gate Pulse Duration (Note 2)
1
70
nS
Table 15 - Counter Timing Specifications - To Accompany Figure 31
Notes
1
This parameter applies to both level and
edge gating , representing the minimum
setup or hold times to ensure that the Gate
input is seen at the intended level on the
active source edge or the counter may be
off one count.
2
This parameter applies to both level and
edge gating, representing the minimum
gate pulse width needed to ensure the
pulse initiates counter gating or reloading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com