Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
9
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
Count Control (Bits CM3-7)
Whenever the counter reaches a TC, the counter
automatically reloads the counter from the Load or
Hold Register. Which register the counter loads from,
whether the counter counts repeatedly or once,
whether the counter counts binary or BCD and
whether the counter is under hardware control
is
controlled by the Count control.
Bit CM3 controls whether the counter counts in
Binary or BCD fashion. Bit CM4 determines whether
the counter counts up or down. Bit CM5 determines
whether the counter counts once and disarms itself,
or will continue counting and reloading the counter
until commanded to disarm.
Bit CM6 determines the source from which the
counter will be reloaded. The actions of CM6 depend
on the gating control settings. If CM6 is cleared, the
counter reloads from the Load Register at TC. If CM6
is set, the counter may reload from either the Load or
the hold register depending on the gating mode. It
may alternate with the Load register or be controlled
from the gate to reload from the load or hold register.
Bit CM7 controls whether hardware retriggering of the
counter is enabled. Its actions depend on the settings
of CM5, CM6 and the gating controls.
If some type of gating is enabled and CM7 is cleared,
hardware retriggering is disabled. When CM7 is set,
hardware retriggering is enabled and the counter is
retriggered any time an active gate edge is received.
When retriggered the counter value is saved in the
Hold register and the counter reloaded from the Load
register.
If no gating is enabled and CM7 is cleared, the gate
input has no effect on counting. If CM7 is set then the
Gate input controls whether the counter is reloaded
from the Load or Hold Register.
Count Source (Bits CM8-12)
The count source determines which source is used
as an input to the counter. There are 20 possible
count sources, 16 of which may be selected with bits
CM8-12. Additional Count sources may be specified
with the extended registers. Figure 8 illustrates the
internal 24 bit prescaler whose outputs may be used
as count sources.
Gating Control (Bits CM13-15)
Gating control determines whether the counter is
hardware gated or not. When gating is disabled the
counter will continue as long as the counter is armed.
If any gating mode is enabled the counter action is
determined by some hardware gate condition.
Gating of the counter may be controlled from the gate
line associated with the counter or gate lines
associated with adjacent counters. Gating on the line
associated with the counter may be programmed for
edge or level sensitive, active high or active low. The
counter may also be gated by the TC output of the
previous counter. The gating control logic is outlined
in Figure 7.
COUNTER MODES
Counter modes continue as in the ‘9513 to retain
their mode designations A-X, with modes M, P, T, U
and V reserved. Tables 11-12 summarize the counter
modes and the associated settings of the counter
mode bits CM5-7 and CM13-15.
Figures 10 through 28 illustrate the counter modes.
All representative waveforms assume counting down
on rising source edges. A TC mode and Toggled
output waveform are shown in each waveform. For
waveforms which disarm automatically on TC the
software ARM command is shown in conjunction with
C7 C6 C5 C4 C3 C2 C1 C0
Command Register Bit
S5 S4 S3 S2 S1 S1-5 - Counter Group Select
0
0
1
S5 S4 S3 S2 S1 Arm Selected Counters
0
1
0
S5 S4 S3 S2 S1 Load Selected Counters
0
1
1
S5 S4 S3 S2 S1 Load and Arm Selected Counters
1
0
0
S5 S4 S3 S2 S1 Disarm and Save Selected Counters
1
0
1
S5 S4 S3 S2 S1 Save selected counters to Hold Registers
1
1
0
S5 S4 S3 S2 S1 Disarm Selected Counters
N4 N2 N1 N1-4 Counter Group Select (001 = N =
101
1
1
1
0
0
N4 N2 N1 Clear Selected Counter Toggle Out
1
1
1
0
1
N4 N2 N1 Set Selected Counter Toggle Out
1
1
1
1
0
N4 N2 N1 Step Selected Counter (up/down by CM3)
Table 5 - Counter Action Related Commands
C7 C6 C5 C4 C3 C2 C1 C0
Command Register Bit
1
1
1
0
0
0
0
0
Clear MM14 (Enable Data Pointer
Sequencing)
1
1
1
0
0
1
1
0
Clear MM12 (FOUT Gate On)
1
1
1
0
0
1
1
1
Clear MM13 (Enable 8 bit Bus Mode)
1
1
1
0
1
0
0
0
Set MM14 (Disable Data Pointer Sequencing)
1
1
1
0
1
1
1
0
Set MM12 (FOUT Gate Off)
1
1
1
0
1
1
1
1
Set MM13 (Enable 16 bit Bus Mode)
1
1
1
1
0
0
0
0
(Originally Reserved)
1
1
1
1
0
1
1
0
(Originally Reserved)
1
1
1
1
0
1
1
1
(Orig Reserved)
1
1
1
1
1
0
0
0
Enable Write Pre-Fetch
1
1
1
1
1
0
0
1
Disable Write Pre-Fetch
1
1
1
1
1
0
1
0
(Orig Reserved)
1
1
1
1
1
0
1
1
(Orig Reserved)
1
1
1
1
1
1
0
0
(Orig Reserved)
1
1
1
1
1
1
0
1
(Orig Reserved)
1
1
1
1
1
1
1
0
(Orig Reserved)
1
1
1
1
1
1
1
1
Master Reset
Table 6 - Device Level Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com