Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 19Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 23Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 24Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 25Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
22
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
MODE S GATE CONTROLLED STROBE
In Mode S, once ARMed the counter will count to TC
twice and disarm. During this time the State of the
Gate line determines whether the counter is loaded
from the Load or Hold Register. The Gate line does
not affect or initiate the counter in this Mode. Its only
action is a level sensitive selection of the Load or
Hold Register as a counter reload source.
As shown in Figure 26, at each TC in the cycle, if the
Gate line is high, the counter will be reloaded from
the Hold Register. If it is Low the counter is reloaded
from the Load Register.
SOURCE
WR
DATA
ARM COMMAND
GATE
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
L-1
L-2
...
2
1
H
H-1
H-2
...
2
1
L
L-1
COUNTER MODE S WAVEFORMS
Figure 26 - CTS9513 Counter Mode S Representative Waveforms
SOURCE
WR
DATA
ARM COMMAND
GATE
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
H-1
H-2
..
2
1
H
H-1
H-2
..
2
1
L
L-1
L-2
..
1
H
H-1
COUNTER MODE V WAVEFORMS
Figure 27 - CTS9513 Counter Mode V Representative Waveforms
MODE V FREQUENCY SHIFT KEYING
Mode V is similar to mode S in that the Gate line act
to select which register the counter is reloaded from,
but counts continuously once armed. If the Toggled
output is used, the output may be used to switch
between two frequencies determined by the Load
and Hold Count values and the state of the Gate line
as shown in Figure 27. This is used in Frequency
Shift Keying (FSK) applications.
NOTE: This mode does not function
correctly in current devices. Please
see the ERRATA section for more
information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com