Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS9513API-2 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # CTS9513API-2
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513API-2 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button CTS9513API-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 17Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 19Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 20Page - List of Unclassifed Manufacturers CTS9513API-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
17
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
MODE G SOFTWARE TRIGGERED
DELAYED PULSE ONE-SHOT
In Mode G, once the counter has been ARMed, the
counter will:
1
Count to TC with the Load register value
2
Reload itself automatically from the Hold
Register.
3
Count to TC with the Hold Register Value
4
Disarm itself and reload the counter with
the Load register Value.
This produces a waveform as illustrated in Figure 16
in which the counter can in TC mode produce a pair
of pulses with the first pulse delay controlled by the
Load count value and the delay between the pulses
determined by the Hold register count.
If the Toggle Output mode is selected, the output
produced is a pulse width determined by the Hold
count and an initial delay determined by the Load
count. This is the more common use of this mode of
operation.
SOURCE
WR
DATA
ARM COMMAND
GATE
L-1
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
COUNTER MODE G WAVEFORMS
L-1
L
1
2
...
H-3
H-2
H-1
H
1
2
...
L-3
L-2
Figure 16 - CTS9513 Counter Mode G Representative Waveforms
SOURCE
WR
DATA
ARM COMMAND
GATE
L-1
COUNT VALUE
TC OUTPUT
TOGGLE OUTPUT
L-1
L
1
2
H-2
H-1
H
1
2
L-2
COUNTER MODE H WAVEFORMS
....
...
Figure 17 - CTS9513 Counter Mode H Representative Waveforms
MODE H SOFTWARE TRIGGERED
DELAYED PULSE ONE-SHOT WITH
HARDWARE GATING
Mode H is similar to Mode G with the exception that
the counter is active only after receipt of an ARM
command and a valid Gate input. As shown in Figure
17 the counter counts only as long as the Gate line is
asserted and suspended while the Gate line is de-
asserted. Tas in Mode G the counter counts to TC
using the Load register value, reloads from the hold
register and counts to a second TC. Once the
counter reaches the second TC the counter disarms
itself and awaits another ARM command.
This mode allows extension of either the initial delay
or the delayed pulse width by use of the Gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com